Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A66-3 Datasheet (PDF) - Tyco Electronics

A66-3 Datasheet PDF - Tyco Electronics
Part # A66-3
Download  A66-3 Download
File Size   112.34 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 10 TO 1000 MHz CASCADABLE AMPLIFIER

A66-3 Datasheet (PDF)

Go To PDF Page Download Datasheet
A66-3 Datasheet PDF - Tyco Electronics

Part # A66-3
Download  A66-3 Click to download

File Size   112.34 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 10 TO 1000 MHz CASCADABLE AMPLIFIER

A66-3 Datasheet (HTML) - Tyco Electronics


A66-3 Product details

Description

The A66-3 RF amplifier is a discrete hybrid design, which uses thin film manufacturing processes for consistent performance and high reliability. This 2 stage bipolar transistor feedback amplifier design displays impressive performance over a broadband frequency range. An active DC biasing network insures temperature-stable performance. Both TO-8 and Surface Mount packages are hermetically sealed, and MIL-STD-883 environmental screening is available.



Features

•  HIGH GAIN - TWO STAGES: 26.0 dB (TYP.)

•  LOW NOISE: <3.0 dB (TYP.)

•  HIGH EFFICIENCY: 16 mA (TYP.) AT 5 VOLTS

 




Similar Part No. - A66-3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A66-3 MACOM-A66-3 Datasheet
384Kb / 2P
Cascadable Amplifier 10 to 1000 MHz
logo
M/A-COM Technology Solu...
A66-3 MA-COM-A66-3 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 1000 MHz
A66-3 MA-COM-A66-3 Datasheet
648Kb / 3P
Cascadable Amplifier
A66-3-SMA66-3 MA-COM-A66-3-SMA66-3 Datasheet
1Mb / 2P
Cascadable Amplifier
logo
Tyco Electronics
A66-3 MACOM-A66-3_1 Datasheet
384Kb / 2P
Cascadable Amplifier 10 to 1000 MHz
More results


Similar Description - A66-3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A1031 MACOM-A1031 Datasheet
115Kb / 1P
10 TO 1000 MHz CASCADABLE AMPLIFIER
A19-1 MACOM-A19-1 Datasheet
110Kb / 1P
10 TO 1000 MHz CASCADABLE AMPLIFIER
A66-1 MACOM-A66-1 Datasheet
108Kb / 1P
10 TO 1000 MHz CASCADABLE AMPLIFIER
A12 MACOM-A12_1 Datasheet
371Kb / 2P
Cascadable Amplifier 10 to 1000 MHz
A17 MACOM-A17_1 Datasheet
360Kb / 2P
Cascadable Amplifier 10 to 1000 MHz
A19-1 MACOM-A19-1_1 Datasheet
364Kb / 2P
Cascadable Amplifier 10 to 1000 MHz
A66-1 MACOM-A66-1_1 Datasheet
383Kb / 2P
Cascadable Amplifier 10 to 1000 MHz
A1031 MACOM-A1031_1 Datasheet
375Kb / 2P
Cascadable Amplifier 10 to 1000 MHz
logo
M/A-COM Technology Solu...
RA66 MA-COM-RA66 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 1000 MHz
A66-1 MA-COM-A66-1_15 Datasheet
737Kb / 5P
Cascadable Amplifier 10 to 1000 MHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com