Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A67-1 Datasheet (PDF) - Tyco Electronics

A67-1 Datasheet PDF - Tyco Electronics
Part # A67-1
Download  A67-1 Download
File Size   100.71 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 10 TO 600 MHz CASCADABLE AMPLIFIER

A67-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
A67-1 Datasheet PDF - Tyco Electronics

Part # A67-1
Download  A67-1 Click to download

File Size   100.71 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 10 TO 600 MHz CASCADABLE AMPLIFIER

A67-1 Datasheet (HTML) - Tyco Electronics


A67-1 Product details

Description
The A67-1 RF amplifier is a discrete hybrid design, which uses thin film manufacturing processes for accurate performance and high reliability.

Features
• HIGH EFFICIENCY: +17.0 dBm (TYP.) OUTPUT POWER AT 36 mA (TYP.)
• LOW NOISE FIGURE: 3.6 dB (TYP.)
• WIDE POWER SUPPLY RANGE: +5 TO +15 VOLTS




Similar Part No. - A67-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A67-1 MACOM-A67-1 Datasheet
385Kb / 2P
Cascadable Amplifier 10 to 600 MHz
logo
M/A-COM Technology Solu...
A67-1 MA-COM-A67-1 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 600 MHz
A67-1 MA-COM-A67-1 Datasheet
649Kb / 3P
Cascadable Amplifier 10 to 600 MHz
A67-1-SMA67-1 MA-COM-A67-1-SMA67-1 Datasheet
1Mb / 2P
Cascadable Amplifier
logo
Tyco Electronics
A67-1 MACOM-A67-1_1 Datasheet
385Kb / 2P
Cascadable Amplifier 10 to 600 MHz
More results


Similar Description - A67-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A77-1 MACOM-A77-1 Datasheet
104Kb / 1P
5 TO 600 MHz CASCADABLE AMPLIFIER
A5-6 MACOM-A5-6 Datasheet
365Kb / 2P
Cascadable Amplifier 5 to 600 MHz
A67-1 MACOM-A67-1_1 Datasheet
385Kb / 2P
Cascadable Amplifier 10 to 600 MHz
A77-1 MACOM-A77-1_1 Datasheet
389Kb / 2P
Cascadable Amplifier 5 to 600 MHz
logo
M/A-COM Technology Solu...
SMA5-6 MA-COM-SMA5-6 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 600 MHz
A67-1 MA-COM-A67-1 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 600 MHz
A67-1 MA-COM-A67-1_15 Datasheet
649Kb / 3P
Cascadable Amplifier 10 to 600 MHz
logo
Teledyne Technologies I...
AC618 TELEDYNE-AC618 Datasheet
175Kb / 2P
10 TO 600 MHz TO-8 CASCADABLE AMPLIFIER
AC652 TELEDYNE-AC652 Datasheet
175Kb / 2P
10 TO 600 MHz TO-8 CASCADABLE AMPLIFIER
AC658 TELEDYNE-AC658 Datasheet
189Kb / 2P
10 TO 600 MHz TO-8 CASCADABLE AMPLIFIER
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com