Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3615-1 Datasheet (PDF) - Linear Technology

LTC3615-1 Datasheet PDF - Linear Technology
Part # LTC3615-1
Download  LTC3615-1 Download
File Size   590.43 Kbytes
Page   32 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description Dual 4MHz, 3A Synchronous Step-Down DC/DC Converter

LTC3615-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC3615-1 Datasheet PDF - Linear Technology

Part # LTC3615-1
Download  LTC3615-1 Click to download

File Size   590.43 Kbytes
Page   32 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description Dual 4MHz, 3A Synchronous Step-Down DC/DC Converter

LTC3615-1 Datasheet (HTML) - Linear Technology




Similar Part No. - LTC3615-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3615-1 LINER-LTC3615-1 Datasheet
527Kb / 32P
Dual 4MHz, 3A Synchronous Step-Down DC/DC Converter
logo
Analog Devices
LTC3615-1 AD-LTC3615-1 Datasheet
2Mb / 26P
5V, 12.5A Synchronous Step-Down Silent Switcher in 3mm x 3mm LQFN
LTC3615-1 AD-LTC3615-1 Datasheet
2Mb / 28P
5V, 12.5A Synchronous Step-Down Silent Switcher 2 in 3mm x 3mm LQFN
01/21-REV.A
LTC3615-1 AD-LTC3615-1 Datasheet
1Mb / 28P
5V, 15A Synchronous Step-Down Silent Switcher in 3mm × 3mm LQFN
Rev. 0
More results


Similar Description - LTC3615-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3411A LINER-LTC3411A Datasheet
625Kb / 20P
1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3568 LINER-LTC3568 Datasheet
231Kb / 16P
1.8A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3565 LINER-LTC3565_1 Datasheet
593Kb / 22P
1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3615 LINER-LTC3615 Datasheet
3Mb / 32P
Dual 4MHz, 3A Synchronous Step-Down DC/DC Converter
LTC3565 LINER-LTC3565_12 Datasheet
534Kb / 22P
1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3615IUF LINER-LTC3615IUF Datasheet
527Kb / 32P
Dual 4MHz, 3A Synchronous Step-Down DC/DC Converter
LTC3561 LINER-LTC3561_15 Datasheet
238Kb / 16P
1A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3411 LINER-LTC3411_15 Datasheet
258Kb / 24P
1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3615 LINER-LTC3615_15 Datasheet
590Kb / 32P
Dual 4MHz, 3A Synchronous Step-Down DC/DC Converter
LTC3612 LINER-LTC3612_15 Datasheet
411Kb / 30P
3A, 4MHz Monolithic Synchronous Step-Down DC/DC Converter
More results




About Linear Technology


Linear Technology was a publicly traded company that designed, manufactured, and marketed a wide range of analog integrated circuits (ICs) for applications in industrial, automotive, communications, and computing industries.
The company was founded in 1981 and was headquartered in Milpitas, California.
Linear Technology was acquired by Analog Devices, Inc. in 2017.
Linear Technology was known for its high-performance analog ICs, including amplifiers, voltage regulators, data converters, power management ICs, and interface products.
The company's products were designed for use in a variety of applications, including automotive, industrial, and energy management systems, among others.
With a focus on innovation and customer satisfaction, Linear Technology was committed to providing its customers with high-quality, reliable solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com