Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM-151PIN Datasheet (PDF) - Tyco Electronics

AM-151PIN Datasheet PDF - Tyco Electronics
Part # AM-151PIN
Download  AM-151PIN Download
File Size   219.54 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Cascadable Thin Film Amplifier, 12 dB Gain, 5 - 500 MHz

AM-151PIN Datasheet (PDF)

Go To PDF Page Download Datasheet
AM-151PIN Datasheet PDF - Tyco Electronics

Part # AM-151PIN
Download  AM-151PIN Click to download

File Size   219.54 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Cascadable Thin Film Amplifier, 12 dB Gain, 5 - 500 MHz

AM-151PIN Datasheet (HTML) - Tyco Electronics




Similar Part No. - AM-151PIN

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM-151 MACOM-AM-151 Datasheet
176Kb / 2P
Cascadable Amplifier 5 to 500 MHz
logo
M/A-COM Technology Solu...
AM-151 MA-COM-AM-151 Datasheet
83Kb / 2P
Cascadable Amplifier 10 to 500MHz
AM-151 MA-COM-AM-151 Datasheet
481Kb / 3P
Cascadable Amplifier 10 to 500MHz
AM-151-AMC-151 MA-COM-AM-151-AMC-151 Datasheet
83Kb / 2P
Cascadable Amplifier
AM-151-AMC-151 MA-COM-AM-151-AMC-151_15 Datasheet
83Kb / 2P
Cascadable Amplifier
More results


Similar Description - AM-151PIN

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM-177 MACOM-AM-177 Datasheet
193Kb / 2P
Cascadable Thin Film Amplifier, 12 dB Gain, 10 - 1000 MHz
AM-AMC-176 MACOM-AM-AMC-176 Datasheet
222Kb / 3P
Cascadable Thin Film Amplifier, 13 dB Gain, 5 - 1000 MHz
AM-AMC-182 MACOM-AM-AMC-182 Datasheet
219Kb / 3P
Cascadable Thin Film Amplifier, 28 dB Gain, 5 - 1000 MHz
AM-176 MACOM-AM-176 Datasheet
160Kb / 3P
Cascadable Thin Film Amplifier 13 dB Gain, 5 - 1000 MHz
AM-177 MACOM-AM-177_1 Datasheet
121Kb / 2P
Cascadable Thin Film Amplifier 12 dB Gain, 10 - 1000 MHz
AM-182 MACOM-AM-182 Datasheet
259Kb / 3P
Cascadable Thin Film Amplifier 28 dB Gain, 5 - 1000 MHz
logo
M/A-COM Technology Solu...
AM-176 MA-COM-AM-176 Datasheet
83Kb / 3P
Cascadable Thin Film Amplifier, 13 dB Gain, 5 - 1000 MHz
AM-182 MA-COM-AM-182 Datasheet
87Kb / 3P
Cascadable Thin Film Amplifier, 28 dB Gain, 5 - 1000 MHz
logo
Teledyne Technologies I...
UTOUTC0509 TELEDYNE-UTOUTC0509 Datasheet
317Kb / 5P
Thin-Film Cascadable Amplifier 5 to 500 MHz
UTOUTC0517 TELEDYNE-UTOUTC0517 Datasheet
166Kb / 5P
Thin-Film Cascadable Amplifier 5 to 500 MHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com