Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM50-0015 Datasheet (PDF) - Tyco Electronics

AM50-0015 Datasheet PDF - Tyco Electronics
Part # AM50-0015
Download  AM50-0015 Download
File Size   115.98 Kbytes
Page   7 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Miniature Broadband Gain Stage 200 - 3000 MHz

AM50-0015 Datasheet (PDF)

Go To PDF Page Download Datasheet
AM50-0015 Datasheet PDF - Tyco Electronics

Part # AM50-0015
Download  AM50-0015 Click to download

File Size   115.98 Kbytes
Page   7 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Miniature Broadband Gain Stage 200 - 3000 MHz

AM50-0015 Datasheet (HTML) - Tyco Electronics


AM50-0015 Product details

Description

M/A-COM’s AM50-0015 broadband gain stage is a GaAs MMIC amplifier in a low-cost miniature SOT -363 surface mount plastic package. The AM50-0015 employs a monolithic 1-stage self-biased design featuring a convenient 50 ohm input/output impedance that minimizes the number  of external components required. The device typically runs off a single 3.0 volt supply and may also operate at any voltage up t o 5.0 volts for improved power performance. Its broadband design provides usable performance from 200 to 3000 MHz. The AM50-0015 is fabricated using M/A-COM’s E/D MESFET process to realize low noise and high dynamic range. The process features full passivation for increased performance and reliability.



Features

· Low Noise Figure

· High IP3

· Single +3 V or +5 V Supply Voltage

· Very Stable Over Temperature




Similar Part No. - AM50-0015

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM50-0011 MACOM-AM50-0011 Datasheet
112Kb / 4P
High Dynamic Range LNA 800 - 1000 MHz
AM50-0011 MACOM-AM50-0011 Datasheet
182Kb / 4P
High Dynamic Range LNA
AM50-0011 MACOM-AM50-0011 Datasheet
101Kb / 4P
High Dynamic Range LNA, 800-1000 MHz
AM50-0011SMB MACOM-AM50-0011SMB Datasheet
112Kb / 4P
High Dynamic Range LNA 800 - 1000 MHz
AM50-0011SMB MACOM-AM50-0011SMB Datasheet
182Kb / 4P
High Dynamic Range LNA
More results


Similar Description - AM50-0015

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAALSS0012 MACOM-MAALSS0012 Datasheet
114Kb / 8P
Miniature Broadband Gain Stage 200 - 3000 MHz
MAALSS0034 MACOM-MAALSS0034 Datasheet
195Kb / 5P
Miniature Broadband Gain Stage 70 - 3000 MHz
MAALSS0038 MACOM-MAALSS0038 Datasheet
264Kb / 6P
Miniature Broadband Gain Stage 70 - 3000 MHz
MAALSS0012 MACOM-MAALSS0012_1 Datasheet
264Kb / 6P
Miniature Broadband Gain Stage, 70 - 3000 MHz
logo
M/A-COM Technology Solu...
MAALSS0034 MA-COM-MAALSS0034 Datasheet
152Kb / 5P
Miniature Broadband Gain Stage 70 - 3000 MHz
MAALSS0038 MA-COM-MAALSS0038 Datasheet
214Kb / 6P
Miniature Broadband Gain Stage 70 - 3000 MHz
MAAL-009120 MA-COM-MAAL-009120 Datasheet
364Kb / 10P
Miniature Broadband Gain Stage
MAAL-010200 MA-COM-MAAL-010200 Datasheet
328Kb / 9P
Miniature Broadband Gain Stage
MAAL-010200 MA-COM-MAAL-010200 Datasheet
328Kb / 9P
Miniature Broadband Gain Stage
MAAL-009120 MA-COM-MAAL-009120_15 Datasheet
876Kb / 11P
Miniature Broadband Gain Stage
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com