Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPG181GR Datasheet (PDF) - NEC

UPG181GR Datasheet PDF - NEC
Part # UPG181GR
Download  UPG181GR Download
File Size   56.55 Kbytes
Page   12 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description GaAs MMIC DBS Twin IF Switch

UPG181GR Datasheet (PDF)

Go To PDF Page Download Datasheet
UPG181GR Datasheet PDF - NEC

Part # UPG181GR
Download  UPG181GR Click to download

File Size   56.55 Kbytes
Page   12 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description GaAs MMIC DBS Twin IF Switch

UPG181GR Datasheet (HTML) - NEC


UPG181GR Product details

DESCRIPTION
The µPG181GR is intended for use in Direct Broadcast Satellite (DBS) applications within the Low Noise Block (LNB) down-converter for systems where at least two LNB outputs are required.
It offers two intermediate frequency amplifier channels that can independently select 1 of 2 IF inputs. It is loused in a very small 16-pin plastic HTSSOP package available on tape-and-reel and easy to install and contributes to miniaturizing the systems.

FEATURES
• Two Independent IF Channels
• Integral Switching to Channel Input to Either Channel Output
• Insertion Loss Per Channel : 5.0 dB TYP. (ZO = 50 Ω)
• Frequency Range : 950 MHz to 2 150 MHz
• Channel to Channel Isolation : 33 dB TYP.
• Small 16-pin HTSSOP Package




Similar Part No. - UPG181GR

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
UPG181GR CEL-UPG181GR Datasheet
148Kb / 4P
GaAs MMIC DBS TWIN IF SWITCH
logo
Renesas Technology Corp
UPG181GR RENESAS-UPG181GR Datasheet
220Kb / 14P
GaAs INTEGRATED CIRCUIT
1999
UPG181GR-E1 RENESAS-UPG181GR-E1 Datasheet
220Kb / 14P
GaAs INTEGRATED CIRCUIT
1999
logo
California Eastern Labs
UPG181GR-E1-A CEL-UPG181GR-E1-A Datasheet
148Kb / 4P
GaAs MMIC DBS TWIN IF SWITCH
More results


Similar Description - UPG181GR

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1505R NJRC-NJG1505R Datasheet
183Kb / 9P
SPDT SWITCH GaAs MMIC
NJG1512V NJRC-NJG1512V Datasheet
247Kb / 10P
SPDT SWITCH GaAs MMIC
logo
NEC
UPG183GR NEC-UPG183GR Datasheet
55Kb / 3P
GaAs MMIC DBS 4X2 IF SWITCH
UPG2050GR NEC-UPG2050GR Datasheet
23Kb / 2P
GaAs MMIC DBS TWIN IF SWITCH AMLIFIER
logo
New Japan Radio
NJG1516R NJRC-NJG1516R Datasheet
294Kb / 14P
SPDT SWITCH GaAs MMIC
NJG1542HB3 NJRC-NJG1542HB3 Datasheet
147Kb / 7P
SPDT SWITCH GaAs MMIC
logo
California Eastern Labs
UPG181GR CEL-UPG181GR Datasheet
148Kb / 4P
GaAs MMIC DBS TWIN IF SWITCH
UPG183GR CEL-UPG183GR Datasheet
160Kb / 4P
GaAs MMIC DBS 4X2 IF SWITCH
logo
NEC
UPG2053K NEC-UPG2053K Datasheet
104Kb / 12P
GaAs MMIC DBS 4 x 2 IF SWITCH MATRIX
UPG2054K NEC-UPG2054K Datasheet
144Kb / 14P
GaAs MMIC DBS 4 x 2 IF SWITCH MATRIX
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com