Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT-106 Datasheet (PDF) - Tyco Electronics

AT-106 Datasheet PDF - Tyco Electronics
Part # AT-106
Download  AT-106 Download
File Size   236.27 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Digital Attenuator, 50 dB, 6-Bit, TTL Driver, DC - 2 GHz

AT-106 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT-106 Datasheet PDF - Tyco Electronics

Part # AT-106
Download  AT-106 Click to download

File Size   236.27 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Digital Attenuator, 50 dB, 6-Bit, TTL Driver, DC - 2 GHz

AT-106 Datasheet (HTML) - Tyco Electronics




Similar Part No. - AT-106

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
AT-106 HIROSE-AT-106 Datasheet
64Kb / 3P
Fixed Attenuators (SMA Type)
logo
Tyco Electronics
AT-106-PIN MACOM-AT-106-PIN Datasheet
185Kb / 4P
Digital Attenuator, 50dB, 6-Bit, TTL Driver DC - 2.0 GHz
logo
M/A-COM Technology Solu...
AT-106-PIN MA-COM-AT-106-PIN Datasheet
135Kb / 4P
Digital Attenuator 50.0 dB, 6-Bit, TTL Driver, DC-2.0 GHz
AT-106-PIN MA-COM-AT-106-PIN Datasheet
135Kb / 4P
Digital Attenuator
AT-106-PIN MA-COM-AT-106-PIN Datasheet
638Kb / 5P
Digital Attenuator
More results


Similar Description - AT-106

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT20-0106 MACOM-AT20-0106 Datasheet
235Kb / 3P
Digital Attenuator, 50 dB, 6-Bit, TTL Driver, DC - 2 GHz
AT90-0106 MACOM-AT90-0106 Datasheet
279Kb / 6P
Digital Attenuator, 50 dB, 6-Bit, TTL Driver, DC-2.4 GHz
AT90-1106 MACOM-AT90-1106 Datasheet
279Kb / 6P
Digital Attenuator, 50 dB, 6-Bit, TTL Driver, DC-2.4 GHz
MAAD-007082-000100 MACOM-MAAD-007082-000100 Datasheet
302Kb / 7P
Digital Attenuator 50 dB, 6-Bit, TTL Driver, DC-2.4 GHz
logo
M/A-COM Technology Solu...
AT65-0106 MA-COM-AT65-0106 Datasheet
142Kb / 6P
Digital Attenuator 50 dB, 6-Bit, TTL Driver, DC-2.0 GHz
AT90-0106 MA-COM-AT90-0106 Datasheet
169Kb / 7P
Digital Attenuator 50 dB, 6-Bit, TTL Driver, DC - 2.4 GHz
MAAD-007082-000100 MA-COM-MAAD-007082-000100 Datasheet
170Kb / 7P
Digital Attenuator 50 dB, 6-Bit, TTL Driver, DC - 2.4 GHz
MAAD-007086-000100 MA-COM-MAAD-007086-000100 Datasheet
143Kb / 6P
Digital Attenuator 50 dB, 6-Bit, TTL Driver, DC-2.0 GHz
MAAD-007082-000100 MA-COM-MAAD-007082-000100 Datasheet
170Kb / 7P
Digital Attenuator 50 dB, 6-Bit, TTL Driver, DC - 2.4 GHz
MAAD-007086-000100 MA-COM-MAAD-007086-000100 Datasheet
143Kb / 6P
Digital Attenuator 50 dB, 6-Bit, TTL Driver, DC-2.0 GHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com