Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K25S Datasheet (PDF) - Voltage Multipliers Inc.

K25S Datasheet PDF - Voltage Multipliers Inc.
Part # K25S
Download  K25S Download
File Size   101.44 Kbytes
Page   2 Pages
Manufacturer  VMI [Voltage Multipliers Inc.]
Direct Link  http://www.voltagemultipliers.com
Logo VMI - Voltage Multipliers Inc.
Description High Voltage Diodes - Epoxy Molded 1.5A - 3.0A ??3000ns ??Axial Leaded

K25S Datasheet (PDF)

Go To PDF Page Download Datasheet
K25S Datasheet PDF - Voltage Multipliers Inc.

Part # K25S
Download  K25S Click to download

File Size   101.44 Kbytes
Page   2 Pages
Manufacturer  VMI [Voltage Multipliers Inc.]
Direct Link  http://www.voltagemultipliers.com
Logo VMI - Voltage Multipliers Inc.
Description High Voltage Diodes - Epoxy Molded 1.5A - 3.0A ??3000ns ??Axial Leaded

K25S Datasheet (HTML) - Voltage Multipliers Inc.




Similar Part No. - K25S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
K25S ETC1-K25S Datasheet
55Kb / 2P
2,500 V - 10,000 V Rectifiers
logo
Voltage Multipliers Inc...
K25S VMI-K25S Datasheet
40Kb / 1P
Spice Model
logo
New Jersey Semi-Conduct...
K25S NJSEMI-K25S Datasheet
494Kb / 1P
High Voltage Rectifiers 2,500V-10,000V
K25S NJSEMI-K25S Datasheet
494Kb / 1P
High Voltage Rectifiers 2,500V-10,000V
More results


Similar Description - K25S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
Z25S ETC-Z25S Datasheet
45Kb / 2P
AXIAL LEADED EPOXY MOLDED
logo
Voltage Multipliers Inc...
FP50S VMI-FP50S_13 Datasheet
141Kb / 2P
High Voltage Rectifier Stacks 2.2A ??3000ns ??Axial Leaded
K25F VMI-K25F_13 Datasheet
139Kb / 2P
High Voltage Diodes - Epoxy Molded 1.5A - 3.0A ??200ns ??Axial Leaded
K25UF VMI-K25UF_13 Datasheet
102Kb / 2P
High Voltage Diodes - Epoxy Molded 1.5A - 3.0A ??100ns ??Axial Leaded
MR140FF5 VMI-MR140FF5 Datasheet
60Kb / 1P
High Voltage Diodes - Axial Lead 10 mA ??50ns - 3000ns
OC025 VMI-OC025 Datasheet
161Kb / 2P
Optocoupler ??Axial Leaded ??Epoxy Molded
OC100 VMI-OC100_13 Datasheet
170Kb / 2P
Optocoupler ??Axial Leaded ??Epoxy Molded
OC150G VMI-OC150G Datasheet
177Kb / 2P
Optocoupler ??Axial Leaded ??Epoxy Molded
SPJ100S VMI-SPJ100S_13 Datasheet
127Kb / 2P
High Voltage Rectifier Stacks 50mA ??3000ns ??Axial Leaded
Z25SG VMI-Z25SG_13 Datasheet
97Kb / 2P
High Voltage Diodes - Axial Lead 300mA - 1500mA ??3000ns ??Hermetic
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com