Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT-273 Datasheet (PDF) - Tyco Electronics

AT-273 Datasheet PDF - Tyco Electronics
Part # AT-273
Download  AT-273 Download
File Size   205.81 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Digital Attenuator, 32 dB, 2-Bit, TTL Driver, DC - 2.0 GHz

AT-273 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT-273 Datasheet PDF - Tyco Electronics

Part # AT-273
Download  AT-273 Click to download

File Size   205.81 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Digital Attenuator, 32 dB, 2-Bit, TTL Driver, DC - 2.0 GHz

AT-273 Datasheet (HTML) - Tyco Electronics


AT-273 Product details

Description
M/A-COMs AT-273 is a GaAs FET digital attenuator with a 16.0 dB minimum step size and a 32 dB total attenuation range. This attenuator and integral TTL driver is in a hermetically sealed ceramic 16-lead surface mount package. The AT-273 is ideally suited for use where accuracy, fast switching, very low power consumption and low intermodulation products are required. Typical applications include dynamic range setting in precision receiver circuits and other gain/leveling control circuits. Environmental screening is available. Contact the factory for information.

Features
■ Attenuation: 16.0 dB Steps to 32 dB
■ Low DC Power Consumption
■ Hermetic Surface Mount Package
■ Integral TTL Driver
■ 50 ohm Impedance
■ Temperature Stability: ±0.18 dB from -55°C to +85°C Typ.
■ Tape and Reel Packaging Available




Similar Part No. - AT-273

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT-273-PIN MACOM-AT-273-PIN Datasheet
153Kb / 4P
Digital Attenuator, 2-Bit, 32.0dB, DC-2.0 GHz
logo
M/A-COM Technology Solu...
AT-273-PIN MA-COM-AT-273-PIN Datasheet
106Kb / 4P
Digital Attenuator 32.0 dB, 2-Bit, TTL Driver, DC-2.0 GHz
AT-273-PIN MA-COM-AT-273-PIN Datasheet
106Kb / 4P
Digital Attenuator
AT-273-PIN MA-COM-AT-273-PIN_15 Datasheet
591Kb / 5P
Digital Attenuator
More results


Similar Description - AT-273

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT20-0273 MACOM-AT20-0273 Datasheet
220Kb / 3P
Digital Attenuator, 32 dB, 2-Bit, TTL Driver, DC - 2 GHz
AT65-0263 MACOM-AT65-0263 Datasheet
261Kb / 4P
Digital Attenuator, 31 dB, 5-Bit, TTL Driver DC-2.0 GHz
MAAD-007084-000100 MACOM-MAAD-007084-000100 Datasheet
233Kb / 4P
Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-2.0 GHz
logo
M/A-COM Technology Solu...
AT20-0263 MA-COM-AT20-0263 Datasheet
116Kb / 4P
Digital Attenuator 31.0 dB, 5-Bit, TTL Driver, DC-2.0 GHz
AT20-0273 MA-COM-AT20-0273 Datasheet
105Kb / 4P
Digital Attenuator 32.0 dB, 2-Bit, TTL Driver, DC-2.0 GHz
AT-263-PIN MA-COM-AT-263-PIN Datasheet
123Kb / 4P
Digital Attenuator 31.0 dB, 5-Bit, TTL Driver, DC-2.0 GHz
AT-273-PIN MA-COM-AT-273-PIN Datasheet
106Kb / 4P
Digital Attenuator 32.0 dB, 2-Bit, TTL Driver, DC-2.0 GHz
AT-283-PIN MA-COM-AT-283-PIN Datasheet
133Kb / 4P
Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-2.0 GHz
AT65-0107 MA-COM-AT65-0107 Datasheet
150Kb / 6P
Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-2.0 GHz
AT65-0263 MA-COM-AT65-0263 Datasheet
139Kb / 6P
Digital Attenuator 31.0 dB, 5-Bit, TTL Driver, DC-2.0 GHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com