Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SXF6525 Datasheet (PDF) - Voltage Multipliers Inc.

SXF6525 Datasheet PDF - Voltage Multipliers Inc.
Part # SXF6525
Download  SXF6525 Download
File Size   134.76 Kbytes
Page   2 Pages
Manufacturer  VMI [Voltage Multipliers Inc.]
Direct Link  http://www.voltagemultipliers.com
Logo VMI - Voltage Multipliers Inc.
Description High Voltage Diodes - Surface Mount 150mA - 500mA ??70ns

SXF6525 Datasheet (PDF)

Go To PDF Page Download Datasheet
SXF6525 Datasheet PDF - Voltage Multipliers Inc.

Part # SXF6525
Download  SXF6525 Click to download

File Size   134.76 Kbytes
Page   2 Pages
Manufacturer  VMI [Voltage Multipliers Inc.]
Direct Link  http://www.voltagemultipliers.com
Logo VMI - Voltage Multipliers Inc.
Description High Voltage Diodes - Surface Mount 150mA - 500mA ??70ns

SXF6525 Datasheet (HTML) - Voltage Multipliers Inc.




Similar Part No. - SXF6525

ManufacturerPart #DatasheetDescription
logo
Voltage Multipliers Inc...
SXF6525 VMI-SXF6525 Datasheet
108Kb / 1P
2,000 V - 5,000 V Rectifiers 0.15 A - 0.50 A Forward Current 70 ns Recovery Time
logo
GETAI ELECTRONICS DEVIC...
SXF6525 GETEDZ-SXF6525 Datasheet
514Kb / 2P
High Voltage Surface Mount Diodes
More results


Similar Description - SXF6525

ManufacturerPart #DatasheetDescription
logo
Voltage Multipliers Inc...
1N6521 VMI-1N6521_13 Datasheet
142Kb / 2P
High Voltage Diodes - Axial Lead 100mA - 500mA ??70ns ??Hermetic ??JANTX ??JANTXV
1N6523U VMI-1N6523U Datasheet
344Kb / 1P
High Voltage Diodes - Surface Mount 150mA - 250mA l 70ns l Hermetic
SMF6529 VMI-SMF6529_15 Datasheet
366Kb / 1P
High Voltage Diodes - Surface Mount 50mA - 250mA l 70ns
SMF6531HT VMI-SMF6531HT Datasheet
138Kb / 1P
High Voltage Diodes - Surface Mount 0.10A l 70ns
SMF6533HT VMI-SMF6533HT Datasheet
138Kb / 1P
High Voltage Diodes - Surface Mount 0.05A l 70ns
SXF50FF3 VMI-SXF50FF3 Datasheet
75Kb / 1P
High Voltage Diodes - Surface Mount High Voltage Diodes - Surface Mount
logo
GETAI ELECTRONICS DEVIC...
1N6519 GETEDZ-1N6519_16 Datasheet
476Kb / 2P
500mA 10kV 70nS-HIGH VOLTAGE DIODE
SP5L GETEDZ-SP5L_17 Datasheet
534Kb / 2P
270mA 5.0kV 70nS -High Voltage Surface Mount Diodes
SP5LG GETEDZ-SP5LG_17 Datasheet
554Kb / 2P
270mA 5.0kV 70nS -High Voltage Surface Mount Diodes
logo
New Jersey Semi-Conduct...
NJS6521 NJSEMI-NJS6521 Datasheet
50Kb / 1P
150mA - 500mA ??70ns
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com