Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMN5L06K Datasheet (PDF) - Diodes Incorporated

DMN5L06K Datasheet PDF - Diodes Incorporated
Part # DMN5L06K_15
Download  DMN5L06K Download
File Size   265.84 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description N-CHANNEL ENHANCEMENT MODE MOSFET

DMN5L06K Datasheet (PDF)

Go To PDF Page Download Datasheet
DMN5L06K Datasheet PDF - Diodes Incorporated

Part # DMN5L06K_15
Download  DMN5L06K Click to download

File Size   265.84 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description N-CHANNEL ENHANCEMENT MODE MOSFET

DMN5L06K Datasheet (HTML) - Diodes Incorporated


DMN5L06K Product details

Description and Applications
This new generation 50V N-Channel Enhancement Mode MOSFET
has been designed to minimize RDS(on) and yet maintain superior
switching performance. This device is ideal for use in Notebook
battery power management and Load switch.

Features and Benefits
 Low On-Resistance
 Very Low Gate Threshold Voltage (1.0V max)
 Low Input Capacitance
 Fast Switching Speed
 Low Input/Output Leakage
 ESD Protected Up To 2kV
 Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
 Halogen and Antimony Free. “Green” Device (Note 3)
 Qualified to AEC-Q101 standards for High Reliability

Mechanical Data
 Case: SOT23
 Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
 Moisture Sensitivity: Level 1 per J-STD-020
 Terminals: Finish – Matte Tin annealed over Alloy 42 leadframe.
Solderable per MIL-STD-202, Method 208
 Terminal Connections: See Diagram
 Weight: 0.008 grams (approximate)




Similar Part No. - DMN5L06K_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN5L06K-7 DIODES-DMN5L06K-7 Datasheet
143Kb / 5P
N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30929 Rev. 2 - 2
DMN5L06K-7 DIODES-DMN5L06K-7 Datasheet
175Kb / 4P
N-CHANNEL ENHANCEMENT MODE MOSFET
DS30929 Rev. 5 - 2
DMN5L06K DIODES-DMN5L06K_09 Datasheet
175Kb / 4P
N-CHANNEL ENHANCEMENT MODE MOSFET
DS30929 Rev. 5 - 2
More results


Similar Description - DMN5L06K_15

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN1012 SYNC-POWER-SPN1012 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN1423A SYNC-POWER-SPN1423A Datasheet
211Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2302M STANSON-ST2302M Datasheet
170Kb / 6P
N Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN4920A SYNC-POWER-SPN4920A Datasheet
235Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN4972 SYNC-POWER-SPN4972 Datasheet
242Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN8080 SYNC-POWER-SPN8080 Datasheet
239Kb / 10P
N-Channel Enhancement Mode MOSFET
SPN9507 SYNC-POWER-SPN9507 Datasheet
237Kb / 9P
N-Channel Enhancement Mode MOSFET
SPN9971 SYNC-POWER-SPN9971 Datasheet
269Kb / 10P
N-Channel Enhancement Mode MOSFET
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com