Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS-332 Datasheet (PDF) - Tyco Electronics

DS-332 Datasheet PDF - Tyco Electronics
Part # DS-332
Download  DS-332 Download
File Size   117.58 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Two-Way Power Divider 1000 - 2000 MHz

DS-332 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS-332 Datasheet PDF - Tyco Electronics

Part # DS-332
Download  DS-332 Click to download

File Size   117.58 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Two-Way Power Divider 1000 - 2000 MHz

DS-332 Datasheet (HTML) - Tyco Electronics




Similar Part No. - DS-332

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
DS-332 MA-COM-DS-332 Datasheet
107Kb / 2P
Two-Way Power Divider, 400 KHz - 400 MHz
DS-332 MA-COM-DS-332 Datasheet
107Kb / 2P
Two-Way Power Divider
DS-332PIN MA-COM-DS-332PIN Datasheet
107Kb / 2P
Two-Way Power Divider, 400 KHz - 400 MHz
More results


Similar Description - DS-332

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DS-327 MACOM-DS-327 Datasheet
88Kb / 1P
Flatpack Two-Way Power Divider 5 - 1000 MHz
DSS-313 MACOM-DSS-313 Datasheet
106Kb / 2P
Two-Way Power Divider 10 - 2000 MHz
DSS-327 MACOM-DSS-327 Datasheet
63Kb / 1P
Surface Mount Two-Way Power Divider 5 - 1000 MHz
H-81-4 MACOM-H-81-4 Datasheet
122Kb / 1P
180 Two-Way Power Divider 5 - 1000 MHz
PD10-0042-S MACOM-PD10-0042-S Datasheet
16Kb / 1P
Two-Way In-Phase Power Divider 10-2000 MHz
T-1000 MACOM-T-1000 Datasheet
126Kb / 1P
Two-Way Power Divider 10 - 1000 MHz
logo
M/A-COM Technology Solu...
DS-327 MA-COM-DS-327 Datasheet
49Kb / 2P
Flatpack Two-Way Power Divider, 5 - 1000 MHz
DSS-313 MA-COM-DSS-313 Datasheet
73Kb / 3P
Two-Way Power Divider, 10 - 2000 MHz
T-1000 MA-COM-T-1000 Datasheet
63Kb / 2P
Two-Way Power Divider, 10 - 1000 MHz
H-81-4 MA-COM-H-81-4 Datasheet
67Kb / 2P
180쨘 Two-Way Power Divider, 5 - 1000 MHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com