Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

230952B Datasheet (PDF) - Integrated Technology Future

230952B Datasheet PDF - Integrated Technology Future
Part # 230952B
Download  230952B Download
File Size   194.92 Kbytes
Page   2 Pages
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future
Description Typical 1dB bandwidth of 9.3 MHz

230952B Datasheet (PDF)

Go To PDF Page Download Datasheet
230952B Datasheet PDF - Integrated Technology Future

Part # 230952B
Download  230952B Click to download

File Size   194.92 Kbytes
Page   2 Pages
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future
Description Typical 1dB bandwidth of 9.3 MHz

230952B Datasheet (HTML) - Integrated Technology Future




Similar Part No. - 230952B

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
230953B ITF-230953B Datasheet
170Kb / 2P
Typical 1dB bandwidth of 9.50MHz
Rev 1.0 2013. 03. 25
More results


Similar Description - 230952B

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
211002B ITF-211002B Datasheet
171Kb / 2P
Typical 1dB bandwidth of 9.8 MHz
Rev 1.0 2013. 04. 01
250925B ITF-250925B Datasheet
171Kb / 2P
Typical 1dB bandwidth of 9.3 MHz
Rev 1.0 2015. 03. 25
250928B ITF-250928B Datasheet
168Kb / 2P
Typical 1dB bandwidth of 9.3 MHz
250931B ITF-250931B Datasheet
168Kb / 2P
Typical 1dB bandwidth of 9.3 MHz
Rev 1.0 2013. 03. 25
250934B ITF-250934B Datasheet
173Kb / 2P
Typical 1dB bandwidth of 9.3 MHz
Rev 1.0 2013. 04.01
250960B ITF-250960B Datasheet
184Kb / 2P
Typical 1dB bandwidth of 9.3 MHz
Rev 1.0 2013. 05. 06
250961B ITF-250961B Datasheet
175Kb / 2P
Typical 1dB bandwidth of 9.3 MHz
Rev 1.0 2013. 05. 06
250965B ITF-250965B Datasheet
171Kb / 2P
Typical 1dB bandwidth of 9.3 MHz
Rev 1.0 2013. 03. 28
250913B ITF-250913B Datasheet
177Kb / 2P
Typical 1dB bandwidth of 9.3 MHz
250916B ITF-250916B Datasheet
177Kb / 2P
Typical 1dB bandwidth of 9.3 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com