Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

231053B Datasheet (PDF) - Integrated Technology Future

231053B Datasheet PDF - Integrated Technology Future
Part # 231053B
Download  231053B Download
File Size   176.62 Kbytes
Page   2 Pages
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future
Description Typical 1dB bandwidth of 9.85MHz

231053B Datasheet (PDF)

Go To PDF Page Download Datasheet
231053B Datasheet PDF - Integrated Technology Future

Part # 231053B
Download  231053B Click to download

File Size   176.62 Kbytes
Page   2 Pages
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future
Description Typical 1dB bandwidth of 9.85MHz

231053B Datasheet (HTML) - Integrated Technology Future




Similar Part No. - 231053B

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2310581 PHOENIX-2310581 Datasheet
46Kb / 2P
Interface module - UM-PVB/6SI/LED
logo
Heyco.
23105B HEYCO-23105B Datasheet
74Kb / 1P
Heat-Stabilized Nylon Cable Ties
More results


Similar Description - 231053B

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
210002B ITF-210002B Datasheet
172Kb / 2P
Typical 1dB bandwidth of 0.35MHz
Rev 1.0 2010. 07. 27
211151B ITF-211151B Datasheet
185Kb / 2P
Typical 1dB bandwidth of 10.45MHz
Rev 2.0 2013. 04. 30
211152B ITF-211152B Datasheet
184Kb / 2P
Typical 1dB Bandwidth of 11.11MHz
Rev 1.0 2014. 03. 07
251166B ITF-251166B Datasheet
154Kb / 2P
Typical 1dB bandwidth of 11.2MHz
Rev 1.0 2015. 03. 16
251557B ITF-251557B Datasheet
164Kb / 2P
Typical 1dB bandwidth of 14.5MHz
232351B ITF-232351B Datasheet
173Kb / 2P
Typical 1dB bandwidth of 22.05MHz
242352B ITF-242352B Datasheet
170Kb / 2P
Typical 1dB Bandwidth of 22.2MHz
252256B ITF-252256B Datasheet
156Kb / 2P
Typical 1dB bandwidth of 21.65MHz
252707B ITF-252707B Datasheet
150Kb / 2P
Typical 1dB bandwidth of 26.4MHz
253601B ITF-253601B Datasheet
154Kb / 2P
Typical 1dB bandwidth of 36.5MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com