Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5007FNX Datasheet (PDF) - Rohm

R5007FNX Datasheet PDF - Rohm
Part # R5007FNX
Download  R5007FNX Download
File Size   3142.23 Kbytes
Page   14 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Nch 500V 7A Power MOSFET

R5007FNX Datasheet (PDF)

Go To PDF Page Download Datasheet
R5007FNX Datasheet PDF - Rohm

Part # R5007FNX
Download  R5007FNX Click to download

File Size   3142.23 Kbytes
Page   14 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Nch 500V 7A Power MOSFET

R5007FNX Datasheet (HTML) - Rohm




Similar Part No. - R5007FNX

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
R5007FNX ISC-R5007FNX Datasheet
319Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - R5007FNX

ManufacturerPart #DatasheetDescription
logo
Rohm
R6007KNJ ROHM-R6007KNJ Datasheet
2Mb / 13P
Nch 600V 7A Power MOSFET
R6007JND3 ROHM-R6007JND3 Datasheet
2Mb / 14P
Nch 600V 7A Power MOSFET
R6007JNJ ROHM-R6007JNJ Datasheet
2Mb / 14P
Nch 600V 7A Power MOSFET
R6007JNX ROHM-R6007JNX Datasheet
2Mb / 14P
Nch 600V 7A Power MOSFET
R6007ENJ ROHM-R6007ENJ Datasheet
2Mb / 14P
Nch 600V 7A Power MOSFET
R6007ENX ROHM-R6007ENX Datasheet
2Mb / 14P
Nch 600V 7A Power MOSFET
RSS070N05FRA ROHM-RSS070N05FRA Datasheet
2Mb / 14P
Nch 45V 7A Power MOSFET
R6007END3 ROHM-R6007END3 Datasheet
2Mb / 16P
Nch 600V 7A Power MOSFET
R6507KND3 ROHM-R6507KND3 Datasheet
2Mb / 14P
Nch 650V 7A Power MOSFET
R6007RND3 ROHM-R6007RND3 Datasheet
2Mb / 14P
Nch 600V 7A Power MOSFET
20220425 - Rev.001
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com