Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELDC-20 Datasheet (PDF) - Tyco Electronics

ELDC-20 Datasheet PDF - Tyco Electronics
Part # ELDC-20
Download  ELDC-20 Download
File Size   162.39 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description E-Series 75 Ohm Coupler 5 - 1000 MHz

ELDC-20 Datasheet (PDF)

Go To PDF Page Download Datasheet
ELDC-20 Datasheet PDF - Tyco Electronics

Part # ELDC-20
Download  ELDC-20 Click to download

File Size   162.39 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description E-Series 75 Ohm Coupler 5 - 1000 MHz

ELDC-20 Datasheet (HTML) - Tyco Electronics




Similar Part No. - ELDC-20

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ELDC-10 MACOM-ELDC-10 Datasheet
331Kb / 2P
E-Series 75 Ohm Coupler 5 - 870 MHZ
logo
M/A-COM Technology Solu...
ELDC-10 MA-COM-ELDC-10 Datasheet
250Kb / 4P
Coupler, 10dB
logo
Tyco Electronics
ELDC-10LI MACOM-ELDC-10LI Datasheet
104Kb / 2P
E-Series 75 Ohm Coupler 40 - 870 MHZ
logo
M/A-COM Technology Solu...
ELDC-10TR MA-COM-ELDC-10TR Datasheet
250Kb / 4P
Coupler, 10dB
logo
Tyco Electronics
ELDC-12 MACOM-ELDC-12 Datasheet
164Kb / 2P
E-Series 75 Ohm Coupler 5 - 1000 MHz
More results


Similar Description - ELDC-20

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ELDC-12 MACOM-ELDC-12 Datasheet
164Kb / 2P
E-Series 75 Ohm Coupler 5 - 1000 MHz
ELDC-17 MACOM-ELDC-17 Datasheet
174Kb / 2P
E-Series 75 Ohm Coupler 5 - 1000 MHZ
ELDC-7 MACOM-ELDC-7 Datasheet
173Kb / 2P
E-Series 75 Ohm Coupler 5 - 1000 MHz
EMDC-13-1-75 MACOM-EMDC-13-1-75 Datasheet
83Kb / 2P
E-Series 75 Ohm Coupler 5 - 1000 MHZ
EMDC-17-5-75 MACOM-EMDC-17-5-75 Datasheet
64Kb / 2P
E-Series 75 Ohm Coupler 5 - 1000 MHZ
logo
M/A-COM Technology Solu...
MACPES0034 MA-COM-MACPES0034 Datasheet
73Kb / 2P
E-Series 75 Ohm Coupler 5 - 1000 MHZ
ELDC-7 MA-COM-ELDC-7 Datasheet
194Kb / 2P
E-Series 75 Ohm Coupler 5 - 1000 MHz
ELDC-8 MA-COM-ELDC-8 Datasheet
209Kb / 2P
E-Series 75 Ohm Coupler 5 - 1000 MHz
ELDC-12 MA-COM-ELDC-12 Datasheet
193Kb / 2P
E-Series 75 Ohm Coupler 5 - 1000 MHz
ELDC-14 MA-COM-ELDC-14 Datasheet
197Kb / 2P
E-Series 75 Ohm Coupler 5 - 1000 MHZ
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com