Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELPD-290 Datasheet (PDF) - Tyco Electronics

ELPD-290 Datasheet PDF - Tyco Electronics
Part # ELPD-290
Download  ELPD-290 Download
File Size   161.92 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description E-Series 2-Way 90 Power Divider 820 - 980 MHz

ELPD-290 Datasheet (PDF)

Go To PDF Page Download Datasheet
ELPD-290 Datasheet PDF - Tyco Electronics

Part # ELPD-290
Download  ELPD-290 Click to download

File Size   161.92 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description E-Series 2-Way 90 Power Divider 820 - 980 MHz

ELPD-290 Datasheet (HTML) - Tyco Electronics


ELPD-290 Product details

Description
M/A-COM’s ELPD-290 is a 2 Way 90o Power Divider in a low cost, surface mount package. Ideally suited for high volume cellular, wireless and CATV applications.

Features
• 2 Way
• 90 Degree
• Surface Mount




Similar Part No. - ELPD-290

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
ELPD-290 MA-COM-ELPD-290 Datasheet
155Kb / 2P
E-Series 2-Way 90쨘 Power Divider 820 - 980 MHz
ELPD-290 MA-COM-ELPD-290 Datasheet
155Kb / 2P
E-Series 2-Way 90o Power Divider
More results


Similar Description - ELPD-290

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAPD-008762-ES0001 MACOM-MAPD-008762-ES0001 Datasheet
267Kb / 2P
E-Series 2-way 90? Power Divider
logo
M/A-COM Technology Solu...
MACPES0026 MA-COM-MACPES0026 Datasheet
61Kb / 3P
E-Series 2-Way 0o Power Divider 5-1000 MHz
MAPD-007246-ES4700 MA-COM-MAPD-007246-ES4700 Datasheet
60Kb / 2P
E-Series 4-Way Power Divider 2 - 1000 MHz
MAPD-007249-ESML21 MA-COM-MAPD-007249-ESML21 Datasheet
50Kb / 2P
E-Series 2-Way Power Divider 5 - 500 MHz
MAPD-008072-ESSM26 MA-COM-MAPD-008072-ESSM26 Datasheet
69Kb / 3P
E-Series 2-Way Power Divider 5 - 900 MHz
MAPD-008762-ES0001 MA-COM-MAPD-008762-ES0001 Datasheet
207Kb / 2P
E-Series 2-way Power Divider 120 - 160 MHz
ELPD-290 MA-COM-ELPD-290 Datasheet
155Kb / 2P
E-Series 2-Way 90쨘 Power Divider 820 - 980 MHz
MAPD-009850-HW1268 MA-COM-MAPD-009850-HW1268 Datasheet
204Kb / 2P
E-Series 2-Way Power Divider
MAPD-010320-5070HR MA-COM-MAPD-010320-5070HR Datasheet
358Kb / 4P
E-Series 2-Way Power Divider
MACPES0026 MA-COM-MACPES0026_15 Datasheet
61Kb / 3P
E-Series 2-Way Power Divider
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com