Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMD40-2400L Datasheet (PDF) - Tyco Electronics

EMD40-2400L Datasheet PDF - Tyco Electronics
Part # EMD40-2400L
Download  EMD40-2400L Download
File Size   371.72 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description E-Series HMIC Double Balanced Mixer 1400 - 2500 MHz

EMD40-2400L Datasheet (PDF)

Go To PDF Page Download Datasheet
EMD40-2400L Datasheet PDF - Tyco Electronics

Part # EMD40-2400L
Download  EMD40-2400L Click to download

File Size   371.72 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description E-Series HMIC Double Balanced Mixer 1400 - 2500 MHz

EMD40-2400L Datasheet (HTML) - Tyco Electronics




Similar Part No. - EMD40-2400L

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
EMD40-1800H MACOM-EMD40-1800H Datasheet
269Kb / 2P
E-Series HMIC Double Balanced Mixer 1400 - 2000 MHz
EMD40-1800HTR MACOM-EMD40-1800HTR Datasheet
269Kb / 2P
E-Series HMIC Double Balanced Mixer 1400 - 2000 MHz
EMD40-1800L MACOM-EMD40-1800L Datasheet
269Kb / 2P
E-Series HMIC Double Balanced Mixer 1400 - 2000 MHz
EMD40-1800L MACOM-EMD40-1800L Datasheet
91Kb / 3P
E-Series HMIC Double Balanced Surface Mount Mixer 700 - 1400 MHz
EMD40-1800LTR MACOM-EMD40-1800LTR Datasheet
269Kb / 2P
E-Series HMIC Double Balanced Mixer 1400 - 2000 MHz
More results


Similar Description - EMD40-2400L

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
EMD40-1800H MACOM-EMD40-1800H Datasheet
269Kb / 2P
E-Series HMIC Double Balanced Mixer 1400 - 2000 MHz
EMD40-1800L MACOM-EMD40-1800L Datasheet
269Kb / 2P
E-Series HMIC Double Balanced Mixer 1400 - 2000 MHz
EMD40-900H MACOM-EMD40-900H Datasheet
229Kb / 2P
E-Series HMIC Double Balanced Mixer 700 - 1400 MHz
EMD40-900L MACOM-EMD40-900L Datasheet
270Kb / 2P
E-Series HMIC Double Balanced Mixer 700 - 1400 MHz
MA4EX240L-1225 MACOM-MA4EX240L-1225 Datasheet
42Kb / 2P
Silicon Double Balanced HMIC Mixer 1700 - 2500 MHz
EMD40-900L MACOM-EMD40-900L_1 Datasheet
91Kb / 3P
E-Series HMIC Double Balanced Surface Mount Mixer 700 - 1400 MHz
MA4EX240L1-1225T MACOM-MA4EX240L1-1225T Datasheet
71Kb / 3P
Silicon Double Balanced HMIC Mixer 1700 - 2500 MHz
logo
M/A-COM Technology Solu...
MAMX-000900-1061LT MA-COM-MAMX-000900-1061LT Datasheet
106Kb / 4P
Silicon Double Balanced HMIC Mixer 700-1400 MHz
MA4EX240L1-1225T MA-COM-MA4EX240L1-1225T Datasheet
64Kb / 3P
Silicon Double Balanced HMIC Mixer 1700 - 2500 MHz
MA4EX600L1-1225T MA-COM-MA4EX600L1-1225T Datasheet
89Kb / 3P
Silicon Double Balanced HMIC Mixer 1700 - 2500 MHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com