Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESCJ-2-5 Datasheet (PDF) - Tyco Electronics

ESCJ-2-5 Datasheet PDF - Tyco Electronics
Part # ESCJ-2-5
Download  ESCJ-2-5 Download
File Size   30.36 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description E-Series 2-Way 180 Power Divider 5 - 200 MHz

ESCJ-2-5 Datasheet (PDF)

Go To PDF Page Download Datasheet
ESCJ-2-5 Datasheet PDF - Tyco Electronics

Part # ESCJ-2-5
Download  ESCJ-2-5 Click to download

File Size   30.36 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description E-Series 2-Way 180 Power Divider 5 - 200 MHz

ESCJ-2-5 Datasheet (HTML) - Tyco Electronics


ESCJ-2-5 Product details

Features
• 2 Way
• 180°
• Surface Mount




Similar Part No. - ESCJ-2-5

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ESCJ-2-6 MACOM-ESCJ-2-6 Datasheet
30Kb / 1P
E-Series 2-Way 180 Power Divider 40 - 1000 MHz
ESCJ-2-6TR MACOM-ESCJ-2-6TR Datasheet
30Kb / 1P
E-Series 2-Way 180 Power Divider 40 - 1000 MHz
More results


Similar Description - ESCJ-2-5

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ESCJ-2-6 MACOM-ESCJ-2-6 Datasheet
30Kb / 1P
E-Series 2-Way 180 Power Divider 40 - 1000 MHz
ESML-2-7 MACOM-ESML-2-7 Datasheet
32Kb / 1P
E-Series 2-Way 0 Power Divider 5 - 750 MHz
ESSM-2-2-75 MACOM-ESSM-2-2-75 Datasheet
29Kb / 1P
E-Series 2-Way 0 Power Divider 5 - 1000 MHz
ESSMJ-2-10-75 MACOM-ESSMJ-2-10-75 Datasheet
37Kb / 1P
E-Series 2-Way 0 Power Divider 5 - 1000 MHz
logo
M/A-COM Technology Solu...
MACPES0026 MA-COM-MACPES0026 Datasheet
61Kb / 3P
E-Series 2-Way 0o Power Divider 5-1000 MHz
MAPD-007249-ESML21 MA-COM-MAPD-007249-ESML21 Datasheet
50Kb / 2P
E-Series 2-Way Power Divider 5 - 500 MHz
MAPD-008072-ESSM26 MA-COM-MAPD-008072-ESSM26 Datasheet
69Kb / 3P
E-Series 2-Way Power Divider 5 - 900 MHz
MAPD-008109-C30040 MA-COM-MAPD-008109-C30040 Datasheet
98Kb / 3P
E-Series 3-Way Power Divider 5-200 MHz
MAPD-009278-5T1000 MA-COM-MAPD-009278-5T1000 Datasheet
126Kb / 2P
E-Series RF 2-Way Power Divider 5-1000 MHz
ESSM-2-6 MA-COM-ESSM-2-6 Datasheet
186Kb / 2P
E-Series 2-Way 0쨘 Power Divider 5 - 900 MHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com