Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESSM-2-9-75 Datasheet (PDF) - Tyco Electronics

ESSM-2-9-75 Datasheet PDF - Tyco Electronics
Part # ESSM-2-9-75
Download  ESSM-2-9-75 Download
File Size   312.76 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description E-Series 2-Way 0 Power Divider 5 - 120 MHz

ESSM-2-9-75 Datasheet (PDF)

Go To PDF Page Download Datasheet
ESSM-2-9-75 Datasheet PDF - Tyco Electronics

Part # ESSM-2-9-75
Download  ESSM-2-9-75 Click to download

File Size   312.76 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description E-Series 2-Way 0 Power Divider 5 - 120 MHz

ESSM-2-9-75 Datasheet (HTML) - Tyco Electronics


ESSM-2-9-75 Product details

Features
* 2 Way
* 0 Degree
* Surface Mount




Similar Part No. - ESSM-2-9-75

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
ESSM-2-9-75 MA-COM-ESSM-2-9-75 Datasheet
61Kb / 2P
E-Series 2-Way 0쨘 Power Divider
More results


Similar Description - ESSM-2-9-75

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ESML-2-1 MACOM-ESML-2-1 Datasheet
32Kb / 1P
E-Series 2-Way 0 Power Divider 5 - 500 MHz
ESML-2-7 MACOM-ESML-2-7 Datasheet
32Kb / 1P
E-Series 2-Way 0 Power Divider 5 - 750 MHz
ESSM-2-16 MACOM-ESSM-2-16 Datasheet
148Kb / 2P
E-Series 2-Way 0 Power Divider 5 - 500 MHz
ESSM-2-2-75 MACOM-ESSM-2-2-75 Datasheet
29Kb / 1P
E-Series 2-Way 0 Power Divider 5 - 1000 MHz
ESSM-2-6 MACOM-ESSM-2-6 Datasheet
199Kb / 2P
E-Series 2-Way 0 Power Divider 5 - 900 MHz
ESSM-2-8-75 MACOM-ESSM-2-8-75 Datasheet
175Kb / 2P
E-Series 2-Way 0 Power Divider 5 - 1000 MHz
ESSM-3-1-75 MACOM-ESSM-3-1-75 Datasheet
400Kb / 1P
E-Series 3-Way 0 Power Divider 5 - 120 MHz
ESSMJ-2-10-75 MACOM-ESSMJ-2-10-75 Datasheet
37Kb / 1P
E-Series 2-Way 0 Power Divider 5 - 1000 MHz
ESSMJ-2-12-75 MACOM-ESSMJ-2-12-75 Datasheet
159Kb / 2P
E-Series 2-Way 0 Power Divider 5 - 1000 MHz
logo
M/A-COM Technology Solu...
MAPD-008762-ES0001 MA-COM-MAPD-008762-ES0001 Datasheet
207Kb / 2P
E-Series 2-way Power Divider 120 - 160 MHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com