Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFFM3482E Datasheet (PDF) - RF Micro Devices

RFFM3482E Datasheet PDF - RF Micro Devices
Part # RFFM3482E
Download  RFFM3482E Download
File Size   1053.82 Kbytes
Page   14 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 2.4GHz TO 2.5GHz SINGLE-BAND FRONT END MODULE

RFFM3482E Datasheet (PDF)

Go To PDF Page Download Datasheet
RFFM3482E Datasheet PDF - RF Micro Devices

Part # RFFM3482E
Download  RFFM3482E Click to download

File Size   1053.82 Kbytes
Page   14 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 2.4GHz TO 2.5GHz SINGLE-BAND FRONT END MODULE

RFFM3482E Datasheet (HTML) - RF Micro Devices




Similar Part No. - RFFM3482E

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFFM3482Q RFMD-RFFM3482Q Datasheet
739Kb / 13P
2.4GHz to 2.5GHz, Automotive WiFi Front End Module
logo
Qorvo, Inc
RFFM3482Q QORVO-RFFM3482Q Datasheet
775Kb / 13P
2.4GHz to 2.5GHz, Automotive WiFi Front End Module
logo
RF Micro Devices
RFFM3482QPCK-41X RFMD-RFFM3482QPCK-41X Datasheet
739Kb / 13P
2.4GHz to 2.5GHz, Automotive WiFi Front End Module
logo
Qorvo, Inc
RFFM3482QPCK-41X QORVO-RFFM3482QPCK-41X Datasheet
775Kb / 13P
2.4GHz to 2.5GHz, Automotive WiFi Front End Module
logo
RF Micro Devices
RFFM3482QSQ RFMD-RFFM3482QSQ Datasheet
739Kb / 13P
2.4GHz to 2.5GHz, Automotive WiFi Front End Module
More results


Similar Description - RFFM3482E

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5385 RFMD-RF5385 Datasheet
815Kb / 11P
2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
RF5605 RFMD-RF5605 Datasheet
1Mb / 17P
5.0V, 2.4GHz TO 2.5GHz HIGH POWER FRONT END MODULE
RF5725 RFMD-RF5725 Datasheet
453Kb / 11P
2.4GHz TO 2.5GHz SINGLE-BAND FRONT END MODULE
RF5745 RFMD-RF5745 Datasheet
435Kb / 11P
2.4GHz TO 2.5GHz, 802.11b/g/n SINGLE-BAND FRONT END MODULE
RFFM3482Q RFMD-RFFM3482Q Datasheet
739Kb / 13P
2.4GHz to 2.5GHz, Automotive WiFi Front End Module
RFFM4200 RFMD-RFFM4200 Datasheet
1Mb / 15P
3.3V TO 5.0V, 2.4GHz TO 2.5GHz HIGH POWER FRONT END MODULE
RFFM4202 RFMD-RFFM4202 Datasheet
1Mb / 15P
5.0V, 2.4GHz TO 2.5GHz HIGH POWER FRONT END MODULE
RFFM8209 RFMD-RFFM8209 Datasheet
545Kb / 10P
WiFi Front-End Module 2.4GHz to 2.5GHz
logo
Qorvo, Inc
RFFM3482Q QORVO-RFFM3482Q Datasheet
775Kb / 13P
2.4GHz to 2.5GHz, Automotive WiFi Front End Module
RF5365 QORVO-RF5365 Datasheet
566Kb / 11P
2.4GHz to 2.5GHz, 802.11b/g/n WiFi Front End Module
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com