Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FL07-0002-G-RTR Datasheet (PDF) - Tyco Electronics

FL07-0002-G-RTR Datasheet PDF - Tyco Electronics
Part # FL07-0002-G-RTR
Download  FL07-0002-G-RTR Download
File Size   50.56 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Low Cost SMT Low Pass Filter DC - 2000 MHz

FL07-0002-G-RTR Datasheet (PDF)

Go To PDF Page Download Datasheet
FL07-0002-G-RTR Datasheet PDF - Tyco Electronics

Part # FL07-0002-G-RTR
Download  FL07-0002-G-RTR Click to download

File Size   50.56 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Low Cost SMT Low Pass Filter DC - 2000 MHz

FL07-0002-G-RTR Datasheet (HTML) - Tyco Electronics


FL07-0002-G-RTR Product details

Description
M/A-COM’s FL07-0002-G is an IC-based monolithic low pass filter in a low cost SOIC-8 plastic package. This filter is ideally suited for applications where small size, low cost and low loss are required. Typical applications include base station switching networks and portable phones where size and PCB real estate are at a premium. Available in tape and reel. The FL07-0002-G is fabricated using a passive-integrated circuit process. The process features full-chip passivation for increased performance and reliability.

Features
• Small Size and Low Profile
• Industry Standard SOIC-8 SMT Plastic Package
• Superior Repeatability
• Typical Insertion Loss 0.6 dB
• Typical Rejection 20dB
• 2 Watt Power Handling




Similar Part No. - FL07-0002-G-RTR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
FL07-0002-G-RTR MACOM-FL07-0002-G-RTR Datasheet
206Kb / 3P
Low Cost SMT High Pass Filter DC - 2000 MHz
More results


Similar Description - FL07-0002-G-RTR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
FL07-0001-G MACOM-FL07-0001-G Datasheet
50Kb / 2P
Low Cost SMT Low Pass Filter DC - 1000 MHz
FL05-0002-G MACOM-FL05-0002-G_1 Datasheet
203Kb / 3P
Low Cost SMT High Pass Filter 1700 - 3000 MHz
FL07-0001-G MACOM-FL07-0001-G_1 Datasheet
206Kb / 3P
Low Cost SMT High Pass Filter DC - 1000 MHz
FL07-0002-G MACOM-FL07-0002-G_1 Datasheet
206Kb / 3P
Low Cost SMT High Pass Filter DC - 2000 MHz
MAFLCC0006 MACOM-MAFLCC0006 Datasheet
187Kb / 3P
Low Cost SMT Low Pass Filter DC - 1000 MHz
MAFLCC0007 MACOM-MAFLCC0007 Datasheet
187Kb / 3P
Low Cost SMT Low Pass Filter DC - 2000 MHz
logo
M/A-COM Technology Solu...
MAFLCC0006 MA-COM-MAFLCC0006 Datasheet
67Kb / 3P
Low Cost SMT Low Pass Filter DC - 1000 MHz
MAFLCC0007 MA-COM-MAFLCC0007 Datasheet
70Kb / 3P
Low Cost SMT Low Pass Filter DC -2000 MHz
FL07-0001-G MA-COM-FL07-0001-G Datasheet
66Kb / 3P
Low Cost SMT Low Pass Filter DC - 1000 MHz
FL07-0002-G MA-COM-FL07-0002-G Datasheet
69Kb / 3P
Low Cost SMT Low Pass Filter DC - 2000 MHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com