Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FR11-0004 Datasheet (PDF) - Tyco Electronics

FR11-0004 Datasheet PDF - Tyco Electronics
Part # FR11-0004
Download  FR11-0004 Download
File Size   44.28 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 3- Port DROP - IN CIRCULATOR / ISOLATOR 1930 - 1990 MHz

FR11-0004 Datasheet (PDF)

Go To PDF Page Download Datasheet
FR11-0004 Datasheet PDF - Tyco Electronics

Part # FR11-0004
Download  FR11-0004 Click to download

File Size   44.28 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 3- Port DROP - IN CIRCULATOR / ISOLATOR 1930 - 1990 MHz

FR11-0004 Datasheet (HTML) - Tyco Electronics




Similar Part No. - FR11-0004

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
FR11-0004 MACOM-FR11-0004 Datasheet
61Kb / 1P
Single Junction Drop-In Circulator
FR11-0004 MACOM-FR11-0004 Datasheet
40Kb / 1P
Single Junction Drop-In Circulator 800MHz, 900MHz, 1800MHz, 1900MHz, 2100MHz
logo
M/A-COM Technology Solu...
FR11-0004 MA-COM-FR11-0004 Datasheet
42Kb / 1P
Single Junction Drop-In Circulator 800MHz, 900MHz, 1800MHz, 1900MHz, 2100MHz
More results


Similar Description - FR11-0004

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
FR11-0001 MACOM-FR11-0001 Datasheet
45Kb / 1P
3- Port DROP - IN CIRCULATOR / ISOLATOR 869 - 894 MHz
FR11-0002 MACOM-FR11-0002 Datasheet
45Kb / 1P
3- Port DROP - IN CIRCULATOR / ISOLATOR 925 - 960 MHz
FR11-0003 MACOM-FR11-0003 Datasheet
46Kb / 1P
3- Port DROP - IN CIRCULATOR 1805 - 1880 MHz
logo
PREMIER DEVICES, INC.
PC0882DG-21H PDI-PC0882DG-21H Datasheet
81Kb / 1P
DROP-IN CIRCULATOR
PC1843DE-21 PDI-PC1843DE-21 Datasheet
64Kb / 1P
DROP-IN CIRCULATOR
logo
Stealth Microwave, Inc.
SM1920-52LD STEALTH_MICROWAVE-SM1920-52LD Datasheet
150Kb / 3P
1930 - 1990 MHz 160 Watt Power Amplifier
logo
M/A-COM Technology Solu...
MAFR-000086-PS1C1T MA-COM-MAFR-000086-PS1C1T Datasheet
94Kb / 2P
Single Junction Drop-In Circulator 1930 MHz-1990 MHz
MAFRIN0540 MA-COM-MAFRIN0540 Datasheet
94Kb / 2P
Single Junction Drop-In Circulator 1930 MHz-1990 MHz
logo
WALSIN TECHNOLOGY CORPO...
RFBPF1109B201T WALSIN-RFBPF1109B201T Datasheet
619Kb / 7P
1930 ~ 1990 MHz Band Working Frequency
SF11091960B201T WALSIN-SF11091960B201T Datasheet
765Kb / 8P
1930~1990 MHz Band Working Frequency
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com