Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFGA0024 Datasheet (PDF) - RF Micro Devices

RFGA0024 Datasheet PDF - RF Micro Devices
Part # RFGA0024
Download  RFGA0024 Download
File Size   491.78 Kbytes
Page   7 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description InGaP HBT MMIC Amplifier 50MHz TO 1000MHz

RFGA0024 Datasheet (PDF)

Go To PDF Page Download Datasheet
RFGA0024 Datasheet PDF - RF Micro Devices

Part # RFGA0024
Download  RFGA0024 Click to download

File Size   491.78 Kbytes
Page   7 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description InGaP HBT MMIC Amplifier 50MHz TO 1000MHz

RFGA0024 Datasheet (HTML) - RF Micro Devices




Similar Part No. - RFGA0024

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFGA0014 RFMD-RFGA0014 Datasheet
491Kb / 7P
InGaP HBT MMIC Amplifier 50MHz TO 1000MHz
RFGA0014PCK-410 RFMD-RFGA0014PCK-410 Datasheet
491Kb / 7P
InGaP HBT MMIC Amplifier 50MHz TO 1000MHz
RFGA0014SQ RFMD-RFGA0014SQ Datasheet
491Kb / 7P
InGaP HBT MMIC Amplifier 50MHz TO 1000MHz
RFGA0014SR RFMD-RFGA0014SR Datasheet
491Kb / 7P
InGaP HBT MMIC Amplifier 50MHz TO 1000MHz
RFGA0014TR13 RFMD-RFGA0014TR13 Datasheet
491Kb / 7P
InGaP HBT MMIC Amplifier 50MHz TO 1000MHz
More results


Similar Description - RFGA0024

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SBB-1000 RFMD-SBB-1000 Datasheet
205Kb / 6P
50MHZ TO 1000MHZ, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
SBB-2000 RFMD-SBB-2000 Datasheet
204Kb / 6P
50MHZ TO 1000MHZ, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
CGA-7718Z RFMD-CGA-7718Z Datasheet
440Kb / 8P
PUSH-PULL 50MHz to 1000MHz HIGH LINEARITY InGaP HBT AMPLIFIER
CGB-1089Z RFMD-CGB-1089Z Datasheet
314Kb / 8P
50MHz to 1000MHz SINGLE ENDED InGaP/GaAs HBT MMIC CATV AMPLIFIER
CGA-7718Z RFMD-CGA-7718Z_12 Datasheet
450Kb / 8P
PUSH-PULL 50MHz to 1000MHz HIGH LINEARITY InGaP HBT AMPLIFIER
RFGA0014 RFMD-RFGA0014 Datasheet
491Kb / 7P
InGaP HBT MMIC Amplifier 50MHz TO 1000MHz
RFGA2044 RFMD-RFGA2044 Datasheet
570Kb / 8P
InGaP HBT MMIC AMPLIFIER 50MHz TO 3000MHz
RFGA2054 RFMD-RFGA2054 Datasheet
566Kb / 8P
InGaP HBT MMIC AMPLIFIER 50MHz TO 3000MHz
logo
Qorvo, Inc
RFGA2044 QORVO-RFGA2044 Datasheet
1Mb / 11P
50MHz-3000MHz, InGap HBT MMIC Amplifier
CGA-7718Z QORVO-CGA-7718Z Datasheet
450Kb / 8P
PUSH-PULL 50MHz to 1000MHz HIGH LINEARITY InGaP HBT AMPLIFIER
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com