Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFLA9002SR Datasheet (PDF) - RF Micro Devices

RFLA9002SR Datasheet PDF - RF Micro Devices
Part # RFLA9002SR
Download  RFLA9002SR Download
File Size   983.07 Kbytes
Page   11 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description Dual Low Noise Amplifier Module 698MHz to 960MHz

RFLA9002SR Datasheet (PDF)

Go To PDF Page Download Datasheet
RFLA9002SR Datasheet PDF - RF Micro Devices

Part # RFLA9002SR
Download  RFLA9002SR Click to download

File Size   983.07 Kbytes
Page   11 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description Dual Low Noise Amplifier Module 698MHz to 960MHz

RFLA9002SR Datasheet (HTML) - RF Micro Devices




Similar Part No. - RFLA9002SR

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFLA9002SR QORVO-RFLA9002SR Datasheet
983Kb / 11P
Dual Low Noise Amplifier Module 698MHz to 960MHz
More results


Similar Description - RFLA9002SR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL2228 INTERSIL-EL2228 Datasheet
614Kb / 10P
Dual Low Noise Amplifier
April 6, 2005
EL2228 INTERSIL-EL2228_07 Datasheet
501Kb / 12P
Dual Low Noise Amplifier
May 3, 2007
logo
Cadeka Microcircuits LL...
CLC2059 CADEKA-CLC2059 Datasheet
1Mb / 13P
Dual, Low Noise, 4V to 36V Amplifier
logo
RF Micro Devices
RFLA9003 RFMD-RFLA9003 Datasheet
1Mb / 11P
Dual Low Noise Amplifier Module 1710MHz to 2180MHz
logo
Exar Corporation
CLC2059 EXAR-CLC2059 Datasheet
970Kb / 13P
Dual, Low Noise, 4V to 36V Amplifier
logo
Molex Electronics Ltd.
2066490001 MOLEX-2066490001 Datasheet
40Kb / 1P
698MHz-960MHz Cellular Ceramic Antenna, Low-profile, SMT
2066490001 MOLEX-2066490001_V01 Datasheet
40Kb / 1P
698MHz-960MHz Cellular Ceramic Antenna, Low-profile, SMT
logo
Qorvo, Inc
RFLA9002 QORVO-RFLA9002 Datasheet
983Kb / 11P
Dual Low Noise Amplifier Module 698MHz to 960MHz
RFLA9003 QORVO-RFLA9003 Datasheet
1Mb / 11P
Dual Low Noise Amplifier Module 1710MHz to 2180MHz
2013
logo
Molex Electronics Ltd.
2066490001 MOLEX-2066490001_V02 Datasheet
40Kb / 1P
698MHz-960MHz Cellular Ceramic Antenna, Low-profile, SMT
02/22/2022
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com