Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JH-141 Datasheet (PDF) - Tyco Electronics

JH-141 Datasheet PDF - Tyco Electronics
Part # JH-141
Download  JH-141 Download
File Size   122.06 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description High-Frequency Quadrature Hybrid 1 - 2 GHz

JH-141 Datasheet (PDF)

Go To PDF Page Download Datasheet
JH-141 Datasheet PDF - Tyco Electronics

Part # JH-141
Download  JH-141 Click to download

File Size   122.06 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description High-Frequency Quadrature Hybrid 1 - 2 GHz

JH-141 Datasheet (HTML) - Tyco Electronics




Similar Part No. - JH-141

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
JH-141 MA-COM-JH-141 Datasheet
73Kb / 2P
High Frequency Quadrature Hybrid, 1 - 2 GHz
JH-141 MA-COM-JH-141 Datasheet
73Kb / 2P
High Frequency Quadrature Hybrid
logo
Tyco Electronics
JH-141PIN MACOM-JH-141PIN Datasheet
119Kb / 2P
High Frequency Quadrature Hybrid, 1 - 2 GHz
logo
M/A-COM Technology Solu...
JH-141PIN MA-COM-JH-141PIN Datasheet
73Kb / 2P
High Frequency Quadrature Hybrid, 1 - 2 GHz
logo
Tyco Electronics
JH-141 MACOM-JH-141_1 Datasheet
119Kb / 2P
High Frequency Quadrature Hybrid, 1 - 2 GHz
More results


Similar Description - JH-141

ManufacturerPart #DatasheetDescription
logo
Agere Systems
W3011 AGERE-W3011 Datasheet
199Kb / 12P
1 GHz Quadrature Modulator
logo
Tyco Electronics
JH-140 MACOM-JH-140 Datasheet
122Kb / 2P
High-Frequency Quadrature Hybrid 500 - 1000 MHz
logo
NEC
UPC8110GR-E1 NEC-UPC8110GR-E1 Datasheet
42Kb / 4P
1 GHz QUADRATURE MODULATOR
logo
Tyco Electronics
JH-140 MACOM-JH-140_1 Datasheet
127Kb / 2P
High Frequency Quadrature Hybrid, 500 - 1000 MHz
JH-141 MACOM-JH-141_1 Datasheet
119Kb / 2P
High Frequency Quadrature Hybrid, 1 - 2 GHz
logo
M/A-COM Technology Solu...
JH-6-4 MA-COM-JH-6-4 Datasheet
69Kb / 2P
Quadrature Hybrid, 2 - 32 MHz
JH-140 MA-COM-JH-140 Datasheet
68Kb / 2P
High Frequency Quadrature Hybrid, 500 - 1000 MHz
JH-141 MA-COM-JH-141 Datasheet
73Kb / 2P
High Frequency Quadrature Hybrid, 1 - 2 GHz
JH-140 MA-COM-JH-140 Datasheet
68Kb / 2P
High Frequency Quadrature Hybrid
JH-141 MA-COM-JH-141 Datasheet
73Kb / 2P
High Frequency Quadrature Hybrid
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com