Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LF2805A Datasheet (PDF) - Tyco Electronics

LF2805A Datasheet PDF - Tyco Electronics
Part # LF2805A
Download  LF2805A Download
File Size   199.43 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description RF MOSFET Power Transistor, 5W, 28V 500 - 1000 MHz

LF2805A Datasheet (PDF)

Go To PDF Page Download Datasheet
LF2805A Datasheet PDF - Tyco Electronics

Part # LF2805A
Download  LF2805A Click to download

File Size   199.43 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description RF MOSFET Power Transistor, 5W, 28V 500 - 1000 MHz

LF2805A Datasheet (HTML) - Tyco Electronics


LF2805A Product details

Features
• N-Channel Enhancement Mode Device
• DMOS Structure
• Lower Capacitances for Broadband Operation
• Common Source Configuration
• Lower Noise Floor
• AppIications
    Broadband Linear Operation
    500 MHz to 1400 MHz




Similar Part No. - LF2805A

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
LF2805A MA-COM-LF2805A Datasheet
143Kb / 3P
RF Power MOSFET Transistor 5W, 500-1000MHz, 28V
LF2805A MA-COM-LF2805A Datasheet
143Kb / 3P
RF Power MOSFET Transistor
LF2805A MA-COM-LF2805A_17 Datasheet
613Kb / 4P
RF Power MOSFET Transistor
More results


Similar Description - LF2805A

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DU2805S MACOM-DU2805S Datasheet
194Kb / 3P
RF MOSFET Power Transistor, 5W, 28V 2 - 175 MHz
LF2810A MACOM-LF2810A Datasheet
207Kb / 3P
RF MOSFET Power Transistor, IOW, 28V 500 - 1000 MHz
UF2805B MACOM-UF2805B Datasheet
196Kb / 3P
RF MOSFET Power Transistor, 5W, 28V 100 - 500 MHz
UF28100H MACOM-UF28100H Datasheet
192Kb / 3P
RF MOSFET Power Transistor, 100W, 28V 100 - 500 MHz
logo
M/A-COM Technology Solu...
UF2805B MA-COM-UF2805B Datasheet
210Kb / 3P
RF Power MOSFET Transistor 5W, 100-500 MHz, 28V
UF2820P MA-COM-UF2820P Datasheet
205Kb / 3P
RF Power MOSFET Transistor 20W, 100-500 MHz, 28V
UF2820R MA-COM-UF2820R Datasheet
221Kb / 3P
RF Power MOSFET Transistor 20W, 100-500 MHz, 28V
UF28100H MA-COM-UF28100H Datasheet
235Kb / 3P
RF Power MOSFET Transistor 100W, 100-500 MHz, 28V
UF28100V MA-COM-UF28100V Datasheet
224Kb / 3P
RF Power MOSFET Transistor 100W, 100-500 MHz, 28V
LF2805A MA-COM-LF2805A Datasheet
143Kb / 3P
RF Power MOSFET Transistor 5W, 500-1000MHz, 28V
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com