Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFPA2545TR13 Datasheet (PDF) - RF Micro Devices

RFPA2545TR13 Datasheet PDF - RF Micro Devices
Part # RFPA2545TR13
Download  RFPA2545TR13 Download
File Size   2274.17 Kbytes
Page   19 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description Broadband 4W GaAs HBT Power Amplifier 1400MHz to 2700MHz

RFPA2545TR13 Datasheet (PDF)

Go To PDF Page Download Datasheet
RFPA2545TR13 Datasheet PDF - RF Micro Devices

Part # RFPA2545TR13
Download  RFPA2545TR13 Click to download

File Size   2274.17 Kbytes
Page   19 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description Broadband 4W GaAs HBT Power Amplifier 1400MHz to 2700MHz

RFPA2545TR13 Datasheet (HTML) - RF Micro Devices




Similar Part No. - RFPA2545TR13

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFPA2002 RFMD-RFPA2002 Datasheet
997Kb / 12P
Integrated Power Amplifier 1750MHz to 2200MHz
RFPA2002PCK-410 RFMD-RFPA2002PCK-410 Datasheet
997Kb / 12P
Integrated Power Amplifier 1750MHz to 2200MHz
RFPA2002SQ RFMD-RFPA2002SQ Datasheet
997Kb / 12P
Integrated Power Amplifier 1750MHz to 2200MHz
RFPA2002SR RFMD-RFPA2002SR Datasheet
997Kb / 12P
Integrated Power Amplifier 1750MHz to 2200MHz
RFPA2002TR7 RFMD-RFPA2002TR7 Datasheet
997Kb / 12P
Integrated Power Amplifier 1750MHz to 2200MHz
More results


Similar Description - RFPA2545TR13

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFPA3807 RFMD-RFPA3807 Datasheet
1Mb / 10P
GaAs HBT 400MHz TO 2700MHz POWER AMPLIFIER
RFPA3809 RFMD-RFPA3809 Datasheet
2Mb / 11P
GaAs HBT 400MHz TO 2700MHz POWER AMPLIFIER
RFPA2189 RFMD-RFPA2189 Datasheet
863Kb / 11P
GaAs HBT POWER AMPLIFIER 0.5W, 400MHz to 2700MHz
logo
List of Unclassifed Man...
RFPA2013 ETC2-RFPA2013 Datasheet
677Kb / 1P
RFPA2013 and RFPA2189 GaAs HBT Power Amplifier, 0.5W, 400 to 2700MHz
logo
RF Micro Devices
RFPA1012 RFMD-RFPA1012 Datasheet
1Mb / 11P
GaAs HBT 400MHz to 2700MHz Power Amplifier
RFPA2013 RFMD-RFPA2013 Datasheet
1Mb / 20P
GaAs HBT Power Amplifier 0.5W, 400MHz to 2700MHz
RFPA2089 RFMD-RFPA2089 Datasheet
795Kb / 16P
InGaP HBT POWER AMPLIFIER 0.25W, 50MHz to 2700MHz
RFPA3805 RFMD-RFPA3805 Datasheet
2Mb / 24P
GaAs HBT 2-Stage Power Amplifier 700MHz to 2700MHz
logo
Integrated Device Techn...
IDTF1180NBGI IDT-IDTF1180NBGI Datasheet
3Mb / 43P
Dual Path Highband RF Receiver 1400MHz to 2700MHz
logo
Renesas Technology Corp
F1180 RENESAS-F1180 Datasheet
2Mb / 43P
Dual Path Lowband RF Receiver 1400MHz to 2700MHz
February 8, 2022
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com