Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA02204AF Datasheet (PDF) - Tyco Electronics

MA02204AF Datasheet PDF - Tyco Electronics
Part # MA02204AF
Download  MA02204AF Download
File Size   162.57 Kbytes
Page   4 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 3.3V 0.5W RF Power Amplifier IC for DECT

MA02204AF Datasheet (PDF)

Go To PDF Page Download Datasheet
MA02204AF Datasheet PDF - Tyco Electronics

Part # MA02204AF
Download  MA02204AF Click to download

File Size   162.57 Kbytes
Page   4 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 3.3V 0.5W RF Power Amplifier IC for DECT

MA02204AF Datasheet (HTML) - Tyco Electronics


MA02204AF Product details

Features
• Single Positive Supply
• 16 Pin TSSOP Plastic Package
• Class AB Bias
• 1700 to 2200 MHz Operation
• 50 Ω Input Impedance
• Simple Output Match
• Accommodates Battery Charging Conditions up to 5 Volts
• Self-Aligned MSAG®-Lite MESFET Process
• Guaranteed Stability and Ruggedness

Applications
   DECT
   PCS
   Personal Wireless Telephony (PWT)
   Cordless PBX
   Radio/Wireless Local Loop (RLL/WLL)




Similar Part No. - MA02204AF

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA02203AD MACOM-MA02203AD Datasheet
89Kb / 5P
3.6 V, 450 mW DECT RF Power Amplifier IC
MA02203AD-R13 MACOM-MA02203AD-R13 Datasheet
89Kb / 5P
3.6 V, 450 mW DECT RF Power Amplifier IC
MA02203AD-R7 MACOM-MA02203AD-R7 Datasheet
89Kb / 5P
3.6 V, 450 mW DECT RF Power Amplifier IC
MA02205AF MACOM-MA02205AF Datasheet
245Kb / 5P
3.6V 0.5W RF Power Amplifier IC for DECT
MA02206GJ MACOM-MA02206GJ Datasheet
112Kb / 6P
3.6V 0.5W RF Power Amplifier IC for DECT
More results


Similar Description - MA02204AF

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BFP136W SIEMENS-BFP136W Datasheet
60Kb / 7P
NPN Silicon RF Transistor (For power amplifier in DECT and PCN systems)
logo
Tyco Electronics
MA02203AD MACOM-MA02203AD Datasheet
89Kb / 5P
3.6 V, 450 mW DECT RF Power Amplifier IC
MA02205AF MACOM-MA02205AF Datasheet
245Kb / 5P
3.6V 0.5W RF Power Amplifier IC for DECT
MA02206GJ MACOM-MA02206GJ Datasheet
112Kb / 6P
3.6V 0.5W RF Power Amplifier IC for DECT
MAAM-007219 MACOM-MAAM-007219 Datasheet
199Kb / 4P
3.6 V, 450 mW DECT RF Power Amplifier IC 1880 - 1900 MHz
MAAPSS0107 MACOM-MAAPSS0107 Datasheet
313Kb / 6P
3.6 V, 0.5 W, RF Power Amplifier IC for DECT 1800 - 2000 MHz
MA02206GJ MACOM-MA02206GJ_1 Datasheet
288Kb / 6P
3.6 V, 0.5 W, RF Power Amplifier IC for DECT, 1800 - 2000 MHz
logo
M/A-COM Technology Solu...
MAAPSS0071 MA-COM-MAAPSS0071 Datasheet
114Kb / 5P
DECT Power Amplifier
MAAPSS0071 MA-COM-MAAPSS0071_15 Datasheet
114Kb / 5P
DECT Power Amplifier
logo
TEMIC Semiconductors
U2761B TEMIC-U2761B Datasheet
271Kb / 11P
DECT RF / IF IC
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com