Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N5551SC Datasheet (PDF) - KEC(Korea Electronics)

2N5551SC Datasheet PDF - KEC(Korea Electronics)
Part # 2N5551SC
Download  2N5551SC Download
File Size   346.72 Kbytes
Page   1 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description EPITAXIAL PLANAR NPN TRANSISTOR

2N5551SC Datasheet (PDF)

Go To PDF Page Download Datasheet
2N5551SC Datasheet PDF - KEC(Korea Electronics)

Part # 2N5551SC
Download  2N5551SC Click to download

File Size   346.72 Kbytes
Page   1 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description EPITAXIAL PLANAR NPN TRANSISTOR

2N5551SC Datasheet (HTML) - KEC(Korea Electronics)


2N5551SC Product details

GENERAL PURPOSE APPLICATION.
HIGH VOLTAGE APPLICATION.

FEATURES
• High Collector Breakdwon Voltage
   : VCBO=180V, VCEO=160V
• Low Leakage Current.
   : ICBO=50nA(Max.) VCB=120V
• Low Saturation Voltage
   : VCE(sat)=0.2V(Max.) IC=50mA, IB=5mA




Similar Part No. - 2N5551SC

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
2N5551S KEC-2N5551S Datasheet
150Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, HIGH VOLTAGE)
2N5551S KEC-2N5551S Datasheet
39Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR
logo
First Silicon Co., Ltd
2N5551S FS-2N5551S Datasheet
1Mb / 5P
High Voltage Transistors
logo
Dongguan Pingjingsemi T...
2N5551SQ PJSEMI-2N5551SQ Datasheet
408Kb / 3P
NPN Transistor
logo
KEC(Korea Electronics)
2N5551S KEC-2N5551S_15 Datasheet
350Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR
More results


Similar Description - 2N5551SC

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC3542T KEC-KTC3542T Datasheet
90Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR
logo
Unisonic Technologies
2SC1384 UTC-2SC1384 Datasheet
70Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
2SD1609 UTC-2SD1609 Datasheet
85Kb / 4P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
List of Unclassifed Man...
GMBT5551 ETC2-GMBT5551 Datasheet
175Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GMBTA42 ETC2-GMBTA42 Datasheet
194Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
GBC847 GTM-GBC847 Datasheet
236Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GBC848 GTM-GBC848 Datasheet
221Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GESD1060 GTM-GESD1060 Datasheet
424Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
GI41C GTM-GI41C Datasheet
150Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GI122 GTM-GI122 Datasheet
161Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com