Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA4SW210 Datasheet (PDF) - Tyco Electronics

MA4SW210 Datasheet PDF - Tyco Electronics
Part # MA4SW210
Download  MA4SW210 Download
File Size   208.83 Kbytes
Page   8 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Monolithic PIN Diode Switches

MA4SW210 Datasheet (PDF)

Go To PDF Page Download Datasheet
MA4SW210 Datasheet PDF - Tyco Electronics

Part # MA4SW210
Download  MA4SW210 Click to download

File Size   208.83 Kbytes
Page   8 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Monolithic PIN Diode Switches

MA4SW210 Datasheet (HTML) - Tyco Electronics


MA4SW210 Product details

Description
The MA4SW110, 210 and 310 series are broad band monolithic switches using series and shunt connected silicon PIN diodes. They are designed for use as small signal, high performance switches in applications up to 26.5 Ghz. They provide performance levels superior to those realized by hybrid MIC designs incorporating beam lead and PIN chip diodes that require chip and wire assembly.
These switches are fabricated using M/A-COM’s patented HMICTM (Heterolithic Microwave Integrated Circuit) process, US Patent 5,268,310. This process allows the incorporation of silicon pedestals that form series and shunt diodes or vias by imbedding them in low loss glass. By using small spacing between elements, this combination of silicon and glass gives HMIC devices low loss and high isolation performance through low millimeter frequencies.

Features
• Broad Bandwidth
• Specified up to 20 GHz
• Usable to 26.5 GHz
• Low Insertion Loss / High Isolation
• Rugged, Fully Monolithic, Glass Encapsulated
   Construction




Similar Part No. - MA4SW210

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4SW210 MACOM-MA4SW210 Datasheet
450Kb / 8P
Broadband Monolithic Silicon PIN Diode Switches
logo
M/A-COM Technology Solu...
MA4SW210 MA-COM-MA4SW210 Datasheet
302Kb / 8P
HMIC??Silicon PIN Diode Switches RoHS Compliant
MA4SW210 MA-COM-MA4SW210 Datasheet
906Kb / 9P
HMIC Silicon PIN Diode Switches
logo
Tyco Electronics
MA4SW210B-1 MACOM-MA4SW210B-1 Datasheet
879Kb / 9P
Monolithic Pin Diode Switches with Integrated Bias Network
logo
M/A-COM Technology Solu...
MA4SW210B-1 MA-COM-MA4SW210B-1 Datasheet
153Kb / 7P
HMIC??Silicon PIN Diode Switches with Integrated Bias Network
More results


Similar Description - MA4SW210

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4SW101 MACOM-MA4SW101 Datasheet
319Kb / 4P
Surface Mount Monolithic PIN Diode Switches
MA4SW110 MACOM-MA4SW110 Datasheet
450Kb / 8P
Broadband Monolithic Silicon PIN Diode Switches
MA4SW210B-1 MACOM-MA4SW210B-1 Datasheet
879Kb / 9P
Monolithic Pin Diode Switches with Integrated Bias Network
MASW-001100-002100-003100 MACOM-MASW-001100-002100-003100 Datasheet
297Kb / 8P
Broadband Monolithic Silicon PIN Diode Switches
MA4SW101-287T MACOM-MA4SW101-287T Datasheet
106Kb / 4P
Surface Mount Monolithic PIN Diode Switches
logo
List of Unclassifed Man...
S2S0518A4 ETC2-S2S0518A4 Datasheet
116Kb / 1P
SPDT PIN DIODE SWITCHES
logo
M/A-COM Technology Solu...
MA4SW101-287T MA-COM-MA4SW101-287T Datasheet
107Kb / 4P
Surface Mount Monolithic PIN Diode Switches 50 MHz - 4 GHz
MSW206X-206 MA-COM-MSW206X-206 Datasheet
1Mb / 16P
SP2T PIN Diode Switches
MSW320X-320 MA-COM-MSW320X-320 Datasheet
958Kb / 14P
SP3T PIN Diode Switches
MSW6000-600 MA-COM-MSW6000-600 Datasheet
971Kb / 12P
SP6T PIN Diode Switches
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com