Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAAM37000-A1 Datasheet (PDF) - Tyco Electronics

MAAM37000-A1 Datasheet PDF - Tyco Electronics
Part # MAAM37000-A1
Download  MAAM37000-A1 Download
File Size   122.79 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description L ow Noise GaAs MMIC Amplifier 3.5 - 7 GHz

MAAM37000-A1 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAAM37000-A1 Datasheet PDF - Tyco Electronics

Part # MAAM37000-A1
Download  MAAM37000-A1 Click to download

File Size   122.79 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description L ow Noise GaAs MMIC Amplifier 3.5 - 7 GHz

MAAM37000-A1 Datasheet (HTML) - Tyco Electronics




Similar Part No. - MAAM37000-A1

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAM37000-A1 MA-COM-MAAM37000-A1 Datasheet
113Kb / 3P
Low Noise GaAs MMIC Amplifier 3.5 - 7.0 GHz
MAAM37000-A1 MA-COM-MAAM37000-A1 Datasheet
172Kb / 3P
Low Noise GaAs MMIC Amplifier
MAAM37000-A1 MA-COM-MAAM37000-A1 Datasheet
172Kb / 3P
Low Noise GaAs MMIC Amplifier
MAAM37000-A1G MA-COM-MAAM37000-A1G Datasheet
113Kb / 3P
Low Noise GaAs MMIC Amplifier 3.5 - 7.0 GHz
MAAM37000-A1G MA-COM-MAAM37000-A1G Datasheet
172Kb / 3P
Low Noise GaAs MMIC Amplifier
More results


Similar Description - MAAM37000-A1

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC392 HITTITE-HMC392 Datasheet
228Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER, 3.5 - 7.0 GHz
logo
Mimix Broadband
XL1007-QT MIMIX-XL1007-QT Datasheet
425Kb / 7P
3.5-8.0 GHz GaAs MMIC Packaged Low Noise Amplifier
logo
Hittite Microwave Corpo...
HMC392LC4 HITTITE-HMC392LC4 Datasheet
268Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER, 3.5 - 7.0 GHz
HMC392LH5 HITTITE-HMC392LH5 Datasheet
241Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER, 3.5 - 7.0 GHz
logo
M/A-COM Technology Solu...
MAAM37000 MA-COM-MAAM37000 Datasheet
191Kb / 4P
Low Noise GaAs MMIC Amplifier 3.5 - 7.0 GHz
MAAM37000-A1 MA-COM-MAAM37000-A1 Datasheet
113Kb / 3P
Low Noise GaAs MMIC Amplifier 3.5 - 7.0 GHz
logo
Hittite Microwave Corpo...
HMC392 HITTITE-HMC392_09 Datasheet
190Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER, 3.5 - 7.0 GHz
HMC392LC4 HITTITE-HMC392LC4_09 Datasheet
198Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER, 3.5 - 7.0 GHz
HMC392LH5 HITTITE-HMC392LH5_09 Datasheet
244Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER, 3.5 - 7.0 GHz
logo
Analog Devices
HMC392ALC4 AD-HMC392ALC4 Datasheet
751Kb / 12P
GaAs MMIC LOW NOISE AMPLIFIER, 3.5 - 8.0 GHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com