Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLG3416 Datasheet (PDF) - OSRAM GmbH

DLG3416 Datasheet PDF - OSRAM GmbH
Part # DLG3416
Download  DLG3416 Download
File Size   753.03 Kbytes
Page   11 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Alphanumeric Intelligent Display Devices with Memory/Decoder/Driver

DLG3416 Datasheet (PDF)

Go To PDF Page Download Datasheet
DLG3416 Datasheet PDF - OSRAM GmbH

Part # DLG3416
Download  DLG3416 Click to download

File Size   753.03 Kbytes
Page   11 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Alphanumeric Intelligent Display Devices with Memory/Decoder/Driver

DLG3416 Datasheet (HTML) - OSRAM GmbH


DLG3416 Product details

Description

The DLR/DLO/DLG3416 is a four character 5 x 7 dot matrix display module with a built-in CMOS integrated circuit.

The integrated circuit contains memory, ASCII ROM decoder, multiplexing circuitry and drivers. Data entry is asynchronous and can be random. A display system can be built using any number of DLX3416s since each digit can be addressed independently and will continue to display the character last stored until replaced by another.

System interconnection is very straightforward. The least significant two address bits (A0, A1) are normally connected to the like-named inputs of all displays in the system. With four chip enables, four displays (16 characters) can easily be interconnected without a decoder.



Features

• 0.270" High, Dot Matrix Characters

• 128 Special ASCII Characters for English, German, Italian, Swedish, Danish, and Norwegian Languages

• Wide Viewing Angle: X Axis ±50° Maximum, Y Axis ±75° Maximum

• Close Multi-line Spacing, 0.8" Centers

• Fast Access Time, 110 ns at 25°C

• Full Size Display for Stationary Equipment

• Built-in Memory

• Built-in Character Generator

• Built-in Multiplex and LED Drive Circuitry

• Each Character Independently Accessed

• TTL Compatible, 5.0 V Power, VIH=2.0 V, VIL=0.8 V

• Independent Cursor Function

• Memory Clear Function

• Display Blank Function for Blinking and Dimming

• End Stackable, 4-Character Package

• Intensity Coded for Display Uniformity

• Extended Operating Temperature Range: –40°C to +85°C

• Wave Solderable



 




Similar Part No. - DLG3416

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
DLG-HV XPPOWER-DLG-HV Datasheet
331Kb / 2P
70-150 Watts DLG-HV Series
DLG100PS12 XPPOWER-DLG100PS12 Datasheet
271Kb / 2P
50150 Watts DLG Series
DLG100PS1400-A XPPOWER-DLG100PS1400-A Datasheet
331Kb / 2P
70-150 Watts DLG-HV Series
DLG100PS15 XPPOWER-DLG100PS15 Datasheet
271Kb / 2P
50150 Watts DLG Series
DLG100PS24 XPPOWER-DLG100PS24 Datasheet
271Kb / 2P
50150 Watts DLG Series
More results


Similar Description - DLG3416

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
DLR1414 SIEMENS-DLR1414 Datasheet
201Kb / 5P
145 4-character 5 x 7 Dot Matrix Alphanumeric Intelligent Display with Memory/Decoder/Driver
MDL2416C SIEMENS-MDL2416C Datasheet
265Kb / 8P
15 RED, 4-DIGIT, 16 SEGMENT PLUS DECIMAL HI-REL/MILITARY ALPHANUMERIC INTELLIGENT DISPLAY WITH MEMORY/DECODER/DRIVER
SL1814 SIEMENS-SL1814 Datasheet
207Kb / 4P
112 RED, 8-DIGIT 17-SEGMENT ALPHANUMERIC INTELLIGENT DISPLAY WITH MEMORY/DECODER/DRIVER
logo
Infineon Technologies A...
SLO2016 INFINEON-SLO2016 Datasheet
459Kb / 5P
Alphanumeric Intelligent Display DEVICES WITH MEMORY/DECODER/ DRIVER
March 23, 2000-01
logo
Siemens Semiconductor G...
DL3416 SIEMENS-DL3416 Datasheet
767Kb / 6P
.224 Red, 4-Character 16 Segment Plus Decimal Alphanumeric Intelligent Display With Memory/Decoder/Driver
logo
OSRAM GmbH
Q68000A8643 OSRAM-Q68000A8643 Datasheet
416Kb / 10P
X/Y Stackable 0.180?쇺? 4-Digit 5x7 Dot Matrix Alphanumeric Intelligent Display짰 Devices with Memory/Decoder/Driver
DLR1414 OSRAM-DLR1414 Datasheet
467Kb / 10P
Alphanumeric Intelligent Display Devices with Memory/Decoder/Driver
HSDP2110S OSRAM-HSDP2110S Datasheet
977Kb / 16P
Alphanumeric Intelligent Display Devices
logo
Siemens Semiconductor G...
DL-3416 SIEMENS-DL-3416 Datasheet
425Kb / 6P
.225" Red, 4-Character 16 Segment Plus Decimal Alphanumeric Intelligent Display With Memory/Decoder/Driver
DL1414T SIEMENS-DL1414T Datasheet
333Kb / 4P
4-Character 16 Segment Plus Decimal Alphanumeric intelligent Display With Memory/Decoder/Driver
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com