Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASW20000 Datasheet (PDF) - Tyco Electronics

MASW20000 Datasheet PDF - Tyco Electronics
Part # MASW20000
Download  MASW20000 Download
File Size   87.78 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description GaAs SPDT Switch DC - 20 GHz

MASW20000 Datasheet (PDF)

Go To PDF Page Download Datasheet
MASW20000 Datasheet PDF - Tyco Electronics

Part # MASW20000
Download  MASW20000 Click to download

File Size   87.78 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description GaAs SPDT Switch DC - 20 GHz

MASW20000 Datasheet (HTML) - Tyco Electronics




Similar Part No. - MASW20000

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW20000 MA-COM-MASW20000 Datasheet
94Kb / 4P
GaAs SPDT Switch DC - 20 GHz
MASW20000 MA-COM-MASW20000 Datasheet
94Kb / 4P
GaAs SPDT Switch
MASW20000 MA-COM-MASW20000_15 Datasheet
514Kb / 5P
Very Broadband Performance
More results


Similar Description - MASW20000

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0136 MACOM-MASWSS0136 Datasheet
117Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
SW-226-PIN MACOM-SW-226-PIN Datasheet
141Kb / 4P
GaAs SPDT Switch DC - 4 GHz
logo
Hittite Microwave Corpo...
HMC347 HITTITE-HMC347_07 Datasheet
204Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 20 GHz
logo
Hexawave, Inc
HWS426 HW-HWS426 Datasheet
73Kb / 2P
GaAs DC-6 GHz SPDT Switch
logo
Hittite Microwave Corpo...
HMC-C011 HITTITE-HMC-C011_1 Datasheet
233Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 20 GHz
logo
M/A-COM Technology Solu...
MASW20000 MA-COM-MASW20000 Datasheet
94Kb / 4P
GaAs SPDT Switch DC - 20 GHz
logo
Hittite Microwave Corpo...
HMC347 HITTITE-HMC347_09 Datasheet
214Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 20 GHz
HMC547LP3E HITTITE-HMC547LP3E Datasheet
743Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 20 GHz
logo
Analog Devices
HMC547ALP3E AD-HMC547ALP3E Datasheet
403Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 20 GHz
logo
Teledyne Technologies I...
TDSW020A2T TELEDYNE-TDSW020A2T Datasheet
2Mb / 10P
dc - 20 GHz Absorptive GaAs SPDT
November 11, 2021
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com