Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASW2040 Datasheet (PDF) - Tyco Electronics

MASW2040 Datasheet PDF - Tyco Electronics
Part # MASW2040
Download  MASW2040 Download
File Size   88.72 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description GaAs DPDT Switch DC - 2 GHz

MASW2040 Datasheet (PDF)

Go To PDF Page Download Datasheet
MASW2040 Datasheet PDF - Tyco Electronics

Part # MASW2040
Download  MASW2040 Click to download

File Size   88.72 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description GaAs DPDT Switch DC - 2 GHz

MASW2040 Datasheet (HTML) - Tyco Electronics




Similar Part No. - MASW2040

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW2040 MA-COM-MASW2040 Datasheet
63Kb / 4P
GaAs DPDT Switch DC - 2.0 GHz
MASW2040 MA-COM-MASW2040 Datasheet
63Kb / 4P
GaAs DPDT Switch DC - 2.0 GHz
MASW2040 MA-COM-MASW2040_15 Datasheet
525Kb / 5P
GaAs DPDT Switch
More results


Similar Description - MASW2040

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-289 MACOM-SW-289 Datasheet
108Kb / 2P
GaAs DPDT Switch DC - 2 GHz
MASW6030G MACOM-MASW6030G Datasheet
75Kb / 3P
GaAs DPDT Switch DC - 6.0 GHz
logo
Hexawave, Inc
HWS410 HW-HWS410 Datasheet
73Kb / 2P
GaAs DC-6 GHz DPDT Switch
HWS420 HW-HWS420 Datasheet
74Kb / 2P
GaAs DC-6 GHz DPDT Switch
logo
M/A-COM Technology Solu...
MASW2040 MA-COM-MASW2040 Datasheet
63Kb / 4P
GaAs DPDT Switch DC - 2.0 GHz
logo
Vitesse Semiconductor C...
HWS420_V3 VITESSE-HWS420_V3_15 Datasheet
53Kb / 2P
GaAs DC-6 GHz DPDT Switch
logo
Hexawave, Inc
HWS499_V3 HW-HWS499_V3_15 Datasheet
60Kb / 2P
GaAs DC-4 GHz DPDT Switch
HWS465_V4 HW-HWS465_V4_15 Datasheet
61Kb / 2P
GaAs DC-6 GHz DPDT Switch
HWS415_V5 HW-HWS415_V5_15 Datasheet
59Kb / 2P
GaAs DC-6 GHz DPDT Switch
logo
M/A-COM Technology Solu...
MASW6030G MA-COM-MASW6030G_15 Datasheet
573Kb / 5P
GaAs DPDT Switch DC - 6.0 GHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com