Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SK2974 Datasheet (PDF) - Mitsubishi Electric Semiconductor

2SK2974 Datasheet PDF - Mitsubishi Electric Semiconductor
Part # 2SK2974
Download  2SK2974 Download
File Size   29.25 Kbytes
Page   3 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description RF POWER MOS FET(VHF/UHF power amplifiers)

2SK2974 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SK2974 Datasheet PDF - Mitsubishi Electric Semiconductor

Part # 2SK2974
Download  2SK2974 Click to download

File Size   29.25 Kbytes
Page   3 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description RF POWER MOS FET(VHF/UHF power amplifiers)

2SK2974 Datasheet (HTML) - Mitsubishi Electric Semiconductor


2SK2974 Product details

DESCRIPTION
2SK2974 is a MOS FET type transistor specifically designed for VHF/UHF power amplifiers applications.

FEATURES
• High power gain:Gpe³8.4dB @VDD=7.2V,f=450MHz,Pin=30dBm
• High efficiency:55% typ.
• Source case type seramic package (connected internally to source)

APPLICATION
    For drive stage and output stage of power amplifiers in VHF/UHF band portable radio sets.




Similar Part No. - 2SK2974

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK2972 TOSHIBA-2SK2972 Datasheet
164Kb / 2P
HIGH SPEED, HIGH VOLTAGE SWITCHING APPLICATIONS
logo
Mitsubishi Electric Sem...
2SK2973 MITSUBISHI-2SK2973 Datasheet
37Kb / 3P
RF POWER MOS FET
2SK2975 MITSUBISHI-2SK2975 Datasheet
29Kb / 3P
RF POWER MOS FET(VHF/UHF power amplifiers)
logo
Sanyo Semicon Device
2SK2976 SANYO-2SK2976 Datasheet
108Kb / 4P
DC-DC Converter Applications
2SK2977 SANYO-2SK2977 Datasheet
42Kb / 4P
DC/DC Converter Applications
More results


Similar Description - 2SK2974

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
2SK2975 MITSUBISHI-2SK2975 Datasheet
29Kb / 3P
RF POWER MOS FET(VHF/UHF power amplifiers)
logo
Hitachi Semiconductor
BB304M HITACHI-BB304M Datasheet
68Kb / 12P
Build in Biasing Circuit MOS FET IC UHF/VHF RF Amplifier
BB305C HITACHI-BB305C Datasheet
66Kb / 12P
Build in Biasing Circuit MOS FET IC UHF/VHF RF Amplifier
BB501C HITACHI-BB501C Datasheet
71Kb / 13P
Build in Biasing Circuit MOS FET IC UHF/VHF RF Amplifier
logo
Sanyo Semicon Device
2SK1739A SANYO-2SK1739A Datasheet
123Kb / 4P
RF POWER MOS FET for UHF TV BROADCAST TRANSMITTER
logo
Mitsubishi Electric Sem...
RD06HVF1 MITSUBISHI-RD06HVF1 Datasheet
381Kb / 8P
MOS FET type transistor specifically designed for VHF RF power amplifiers applications.
logo
Motorola, Inc
MHW607-1 MOTOROLA-MHW607-1 Datasheet
81Kb / 6P
The RF Line VHF Power Amplifiers
logo
NXP Semiconductors
CA901 NXP-CA901 Datasheet
236Kb / 4P
The RF Line VHF/UHF CATV Amplifiers
CA901A NXP-CA901A Datasheet
236Kb / 4P
The RF Line VHF/UHF CATV Amplifiers
MHW2821-1 NXP-MHW2821-1 Datasheet
204Kb / 6P
UHF Silicon FET Power Amplifiers
Rev 2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com