Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8279GSP Datasheet (PDF) - Richtek Technology Corporation

RT8279GSP Datasheet PDF - Richtek Technology Corporation
Part # RT8279GSP
Download  RT8279GSP Download
File Size   887.65 Kbytes
Page   8 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description RT8279 Step-Down Converter Evaluation Board

RT8279GSP Datasheet (PDF)

Go To PDF Page Download Datasheet
RT8279GSP Datasheet PDF - Richtek Technology Corporation

Part # RT8279GSP
Download  RT8279GSP Click to download

File Size   887.65 Kbytes
Page   8 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description RT8279 Step-Down Converter Evaluation Board

RT8279GSP Datasheet (HTML) - Richtek Technology Corporation


RT8279GSP Product details

General Description
The RT8279 is a step-down regulator with an internal power MOSFET. It achieves 5A of continuous output current over a wide input supply range with excellent load and line regulation. Current mode operation provides fast transient response and eases loop stabilization.

Features
● 5A Output Current
● Internal Soft-Start
● 110mΩ Internal Power MOSFET Switch
● Internal Compensation Minimizes External Parts Count
● High Efficiency up to 90%
● 25μA Shutdown Mode
● Fixed 500kHz Frequency
● Thermal Shutdown
● Cycle-by-Cycle Over Current Protection
● Wide 5.5V to 36V Operating Input Range
● Adjustable Output Voltage from 1.222V to 26V
● Available In an SOP8 (Exposed Pad) Package
● RoHS Compliant and Halogen Free

Applications
● Distributive Power Systems
● Battery Charger
● DSL Modems
● Pre-regulator for Linear Regulators




Similar Part No. - RT8279GSP

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8279 RICHTEK-RT8279 Datasheet
303Kb / 14P
5A, 36V, 500kHz Step-Down Converter
More results


Similar Description - RT8279GSP

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV2358DS-00A MPS-EV2358DS-00A Datasheet
203Kb / 4P
2A, 23V, 370KHz Step-Down Converter Evaluation Board
EV2361DK-00A MPS-EV2361DK-00A Datasheet
204Kb / 3P
2A, 1.4MHz Step-Down Converter Evaluation Board
logo
Richtek Technology Corp...
RT2862GSP RICHTEK-RT2862GSP Datasheet
678Kb / 11P
RT2862 Step-Down Converter Evaluation Board
RT2872GSP RICHTEK-RT2872GSP Datasheet
699Kb / 11P
RT2872 Step-Down Converter Evaluation Board
RT6266GSP RICHTEK-RT6266GSP Datasheet
663Kb / 6P
RT6266 Step-Down Converter Evaluation Board
logo
Monolithic Power System...
EV2454-H-00A MPS-EV2454-H-00A Datasheet
673Kb / 7P
36V, 0.6A Step Down Converter Evaluation Board
EV2454-Q-00A MPS-EV2454-Q-00A Datasheet
333Kb / 7P
36V, 0.6A Step Down Converter Evaluation Board
EV4420H-J-00A MPS-EV4420H-J-00A Datasheet
442Kb / 8P
2A, 36V, Synchronous Step Down Converter Evaluation Board
EV4423A-Q-00A MPS-EV4423A-Q-00A Datasheet
502Kb / 8P
3A, 36V, Synchronous Step Down Converter Evaluation Board
EV4423H-Q-00A MPS-EV4423H-Q-00A Datasheet
488Kb / 8P
3A, 36V, Synchronous Step Down Converter Evaluation Board
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com