Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S8740240GT Datasheet (PDF) - RF Micro Devices

S8740240GT Datasheet PDF - RF Micro Devices
Part # S8740240GT
Download  S8740240GT Download
File Size   264.43 Kbytes
Page   3 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description GaAs Push Pull Hybrid 40MHz to 870MHz

S8740240GT Datasheet (PDF)

Go To PDF Page Download Datasheet
S8740240GT Datasheet PDF - RF Micro Devices

Part # S8740240GT
Download  S8740240GT Click to download

File Size   264.43 Kbytes
Page   3 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description GaAs Push Pull Hybrid 40MHz to 870MHz

S8740240GT Datasheet (HTML) - RF Micro Devices




Similar Part No. - S8740240GT

ManufacturerPart #DatasheetDescription
logo
PREMIER DEVICES, INC.
S8740240GT PDI-S8740240GT Datasheet
62Kb / 4P
GaAs Push Pull Hybrid 40 - 870MHz 24.2dB min. Gain @ 870MHz 240mA max. @ 24VDC
More results


Similar Description - S8740240GT

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
S8740180GT RFMD-S8740180GT Datasheet
264Kb / 3P
GaAs Push Pull Hybrid 40MHz to 870MHz
S8740200P RFMD-S8740200P Datasheet
265Kb / 3P
GaAs Push Pull Hybrid 40MHz to 870MHz
S8740220GT RFMD-S8740220GT Datasheet
264Kb / 3P
GaAs Push Pull Hybrid 40MHz to 870MHz
S8740220P RFMD-S8740220P Datasheet
264Kb / 3P
GaAs Push Pull Hybrid 40MHz to 870MHz
S8740240P RFMD-S8740240P Datasheet
264Kb / 3P
GaAs Push Pull Hybrid 40MHz to 870MHz
S8740240P12 RFMD-S8740240P12 Datasheet
264Kb / 3P
GaAs Push Pull Hybrid 40MHz to 870MHz
S8740260GT RFMD-S8740260GT Datasheet
267Kb / 3P
GaAs Push Pull Hybrid 40MHz to 870MHz
S8740280GT RFMD-S8740280GT Datasheet
265Kb / 3P
GaAs Push Pull Hybrid 40MHz to 870MHz
S8740340PT RFMD-S8740340PT Datasheet
264Kb / 3P
GaAs Push Pull Hybrid 40MHz to 870MHz
logo
Qorvo, Inc
S8740180GT QORVO-S8740180GT Datasheet
264Kb / 3P
GaAs Push Pull Hybrid 40MHz to 870MHz
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com