Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBB1089Z Datasheet (PDF) - RF Micro Devices

SBB1089Z Datasheet PDF - RF Micro Devices
Part # SBB1089Z
Download  SBB1089Z Download
File Size   490.21 Kbytes
Page   8 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 50MHz to 850MHz CASCADABLE

SBB1089Z Datasheet (PDF)

Go To PDF Page Download Datasheet
SBB1089Z Datasheet PDF - RF Micro Devices

Part # SBB1089Z
Download  SBB1089Z Click to download

File Size   490.21 Kbytes
Page   8 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 50MHz to 850MHz CASCADABLE

SBB1089Z Datasheet (HTML) - RF Micro Devices




Similar Part No. - SBB1089Z

ManufacturerPart #DatasheetDescription
logo
Proto Advantage SMD Ada...
SBB100 PROTOADVANTAGE-SBB100 Datasheet
1Mb / 4P
100 pts solder-in breadboard
revision 1.0
SBB100 PROTOADVANTAGE-SBB100 Datasheet
1Mb / 4P
70 pts solder-in breadboard
revision 1.0
SBB100 PROTOADVANTAGE-SBB100 Datasheet
1Mb / 4P
80 pts solder-in breadboard
revision 1.0
SBB100 PROTOADVANTAGE-SBB100 Datasheet
1Mb / 4P
120 pts solder-in breadboard
revision 1.0
More results


Similar Description - SBB1089Z

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SBB2082S RFMD-SBB2082S Datasheet
689Kb / 5P
InGaP HBT Amplifier 50MHz to 850MHz
SBB2089Z RFMD-SBB2089Z Datasheet
456Kb / 7P
50MHz to 850MHz, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
SBB4089Z RFMD-SBB4089Z Datasheet
520Kb / 8P
50MHz to 6000MHz CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
SBB5089Z RFMD-SBB5089Z Datasheet
535Kb / 10P
50MHz to 6000MHz, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
SGC2363Z RFMD-SGC2363Z Datasheet
331Kb / 6P
50MHz to 4000MHz ACTIVE BIAS SILICON GERMANIUM CASCADABLE GAIN BLOCK
SGC2463Z RFMD-SGC2463Z Datasheet
678Kb / 7P
50MHz to 4000MHz ACTIVE BIAS SILICON GERMANIUM CASCADABLE GAIN BLOCK
SGC4263Z RFMD-SGC4263Z Datasheet
653Kb / 9P
50MHz to 4000MHz ACTIVE BIAS SILICON GERMANIUM CASCADABLE GAIN BLOCK
SGC4363Z RFMD-SGC4363Z Datasheet
336Kb / 6P
50MHz to 4000MHz ACTIVE BIAS SILICON GERMANIUM CASCADABLE GAIN BLOCK
SGC4563Z RFMD-SGC4563Z Datasheet
535Kb / 10P
50MHz to 4000MHz ACTIVE BIAS SILICON GERMANIUM CASCADABLE GAIN BLOCK
logo
Qorvo, Inc
SBB5089Z QORVO-SBB5089Z Datasheet
1Mb / 11P
50MHz-6000MHz, Cascadable Amplifier
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com