Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA1133 Datasheet (PDF) - Tyco Electronics

PA1133 Datasheet PDF - Tyco Electronics
Part # PA1133
Download  PA1133 Download
File Size   162.76 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 1850-1910 MHz,Linear Power Amplifier

PA1133 Datasheet (PDF)

Go To PDF Page Download Datasheet
PA1133 Datasheet PDF - Tyco Electronics

Part # PA1133
Download  PA1133 Click to download

File Size   162.76 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 1850-1910 MHz,Linear Power Amplifier

PA1133 Datasheet (HTML) - Tyco Electronics


PA1133 Product details

Features (Typical Values)
   High Frequency Operation........................ 1910 MHz.
   Low Noise Figure ........................................... 1.0 dB.
   High IP3 .................................................. +44.0 dBm.
   Low Cost




Similar Part No. - PA1133

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA1133NL PULSE-PA1133NL Datasheet
101Kb / 3P
HIGH FREQUENCY WIRE WOUND TRANSFORMERS PoE Power Transformers - EP7, EP10 & EP13
PA1133NL PULSE-PA1133NL Datasheet
149Kb / 3P
HIGH FREQUENCY WIRE WOUND TRANSFORMERS
PA1133NL PULSE-PA1133NL Datasheet
149Kb / 3P
HIGH FREQUENCY WIRE WOUND TRANSFORMERS
PA1133NL PULSE-PA1133NL Datasheet
149Kb / 3P
HIGH FREQUENCY WIRE WOUND TRANSFORMERS
PA1133NL PULSE-PA1133NL Datasheet
149Kb / 3P
HIGH FREQUENCY WIRE WOUND TRANSFORMERS
More results


Similar Description - PA1133

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAMXES0080 MACOM-MAMXES0080 Datasheet
71Kb / 2P
High IP3 Mixer 1850 - 1910 MHz
PA1225 MACOM-PA1225 Datasheet
43Kb / 2P
1850-1910 MHz. Low Noise High Dynamic Range Linear Amplifier
logo
Fairchild Semiconductor
RMPA2265 FAIRCHILD-RMPA2265 Datasheet
611Kb / 12P
Dual Band WCDMA Power Amplifier Module 1850 to 1910 MHz and 1920 to 1980 MHz
logo
Hitachi Metals, Ltd
FSLC-S190E HITACHI-METALS-FSLC-S190E Datasheet
42Kb / 4P
2012 Size 1850/1910 MHz Chip Multilayer Coupler
FSLC-S190N HITACHI-METALS-FSLC-S190N Datasheet
42Kb / 4P
2012 Size 1850/1910 MHz Chip Multilayer Coupler
logo
Fairchild Semiconductor
RMPA1966 FAIRCHILD-RMPA1966 Datasheet
510Kb / 7P
RMPA1966 I-Lo TM WCDMA Band II Power Amplifier Module, 1850-1910 MHz
logo
Skyworks Solutions Inc.
RM807 SKYWORKS-RM807 Datasheet
544Kb / 14P
Power Amplifier Module for TDMA PCS (1850-1910 MHz)
CX77112 SKYWORKS-CX77112 Datasheet
838Kb / 14P
PA Module for CDMA PCS (1850-1910 MHz)
SKY77149 SKYWORKS-SKY77149_06 Datasheet
185Kb / 13P
PA Module for CDMA / PCS (1850-1910 MHz)
SKY77418 SKYWORKS-SKY77418 Datasheet
44Kb / 2P
LIPA Module for CDMA / PCS (1850-1910 MHz)
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com