Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

130143-0195 Datasheet (PDF) - Molex Electronics Ltd.

130143-0195 Datasheet PDF - Molex Electronics Ltd.
Part # 130143-0195
Download  130143-0195 Download
File Size   49.31 Kbytes
Page   1 Pages
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.
Description Watertite Cordset 14 Gauge SOOW, 2 Pole/3 Wire

130143-0195 Datasheet (PDF)

Go To PDF Page Download Datasheet
130143-0195 Datasheet PDF - Molex Electronics Ltd.

Part # 130143-0195
Download  130143-0195 Click to download

File Size   49.31 Kbytes
Page   1 Pages
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.
Description Watertite Cordset 14 Gauge SOOW, 2 Pole/3 Wire

130143-0195 Datasheet (HTML) - Molex Electronics Ltd.




Similar Part No. - 130143-0195

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130143-0190 MOLEX11-130143-0190 Datasheet
49Kb / 1P
Watertite Cordset 12 Gauge SOOW, 2 Pole/3 Wire
130143-0191 MOLEX11-130143-0191 Datasheet
49Kb / 1P
Watertite Cordset 14 Gauge SOOW, 2 Pole/3 Wire
130143-0193 MOLEX11-130143-0193 Datasheet
49Kb / 1P
Watertite Cordset 16 Gauge SOOW, 2 Pole/3 Wire,
130143-0198 MOLEX11-130143-0198 Datasheet
49Kb / 1P
Watertite Cordset 14 Gauge SOOW with Lock Blade, 2 Pole/3 Wire
More results


Similar Description - 130143-0195

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130143-0134 MOLEX11-130143-0134 Datasheet
41Kb / 1P
Watertite Cordset 14 Gauge SOOW, 2 Pole/3 Wire
130143-0140 MOLEX11-130143-0140 Datasheet
49Kb / 1P
Watertite Cordset 14 Gauge SOOW, 2 Pole/3 Wire
130143-0157 MOLEX11-130143-0157 Datasheet
49Kb / 1P
Watertite Cordset 14 Gauge SOOW, 2 Pole/3 Wire
130143-0191 MOLEX11-130143-0191 Datasheet
49Kb / 1P
Watertite Cordset 14 Gauge SOOW, 2 Pole/3 Wire
130143-0218 MOLEX11-130143-0218 Datasheet
46Kb / 1P
Watertite Cordset 14 Gauge SOOW, 3 Pole/3 Wire
130143-0222 MOLEX11-130143-0222 Datasheet
49Kb / 1P
Watertite Cordset 14 Gauge SOOW, 2 Pole/3 Wire
130143-0243 MOLEX11-130143-0243 Datasheet
52Kb / 1P
Watertite Cordset, 14 Gauge SOOW, 3 Pole/4 Wire
1301430131 MOLEX11-1301430131 Datasheet
41Kb / 1P
Watertite Cordset 14 Gauge SOOW, 2 Pole/3 Wire, Cordset Length 30.48m
1301430140 MOLEX11-1301430140 Datasheet
41Kb / 1P
Watertite Cordset 14 Gauge SOOW, 2 Pole/3 Wire, Cordset Length 15.24m
1301430157 MOLEX11-1301430157 Datasheet
41Kb / 1P
Watertite Cordset 14 Gauge SOOW, 2 Pole/3 Wire, Cordset Length 7.62m
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com