Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA1137 Datasheet (PDF) - Tyco Electronics

PA1137 Datasheet PDF - Tyco Electronics
Part # PA1137
Download  PA1137 Download
File Size   303.43 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 2000-2200MHz.Linear Power Amplifier

PA1137 Datasheet (PDF)

Go To PDF Page Download Datasheet
PA1137 Datasheet PDF - Tyco Electronics

Part # PA1137
Download  PA1137 Click to download

File Size   303.43 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 2000-2200MHz.Linear Power Amplifier

PA1137 Datasheet (HTML) - Tyco Electronics


PA1137 Product details

Features (Typical Values)
   High Frequency Operation. ................ 2220 MHz.
   Low Noise Figure ..................................... 0.8 dB.
   Medium Gain ....................................... 17.0 dBm.
   Low Cost




Similar Part No. - PA1137

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA1137NL PULSE-PA1137NL Datasheet
101Kb / 3P
HIGH FREQUENCY WIRE WOUND TRANSFORMERS PoE Power Transformers - EP7, EP10 & EP13
PA1137NL PULSE-PA1137NL Datasheet
149Kb / 3P
HIGH FREQUENCY WIRE WOUND TRANSFORMERS
PA1137NL PULSE-PA1137NL Datasheet
149Kb / 3P
HIGH FREQUENCY WIRE WOUND TRANSFORMERS
PA1137NL PULSE-PA1137NL Datasheet
149Kb / 3P
HIGH FREQUENCY WIRE WOUND TRANSFORMERS
PA1137NL PULSE-PA1137NL Datasheet
149Kb / 3P
HIGH FREQUENCY WIRE WOUND TRANSFORMERS
More results


Similar Description - PA1137

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PA1110 MACOM-PA1110 Datasheet
38Kb / 1P
1800-2000 MHz.Ultra Linear Power Amplifier
PA1132 MACOM-PA1132 Datasheet
37Kb / 1P
1800-2000 MHz. Linear Power Amplifier
PA1153 MACOM-PA1153 Datasheet
34Kb / 1P
1800 -2000 MHz. Low Noise Linear Power Amplifier
logo
Stanford Microdevices
SXA-289 STANFORD-SXA-289 Datasheet
235Kb / 6P
5-2000 MHz Medium Power GaAsHBT Amplifier
SXH-189 STANFORD-SXH-189 Datasheet
280Kb / 6P
5-2000 MHz Medium Power GaAsHBT Amplifier
logo
Hittite Microwave Corpo...
HMC-C013 HITTITE-HMC-C013 Datasheet
842Kb / 6P
10 WATT POWER AMPLIFIER MODULE, 800 - 2000 MHz
logo
Stealth Microwave, Inc.
SM2023-41L STEALTH_MICROWAVE-SM2023-41L Datasheet
90Kb / 2P
2000-2300 MHz 12W Linear Power Amplifier
SM2023-47L STEALTH_MICROWAVE-SM2023-47L Datasheet
128Kb / 2P
2000-2300MHz 50 Watt Linear Power Amplifier
logo
Hittite Microwave Corpo...
HMC-C013 HITTITE-HMC-C013_08 Datasheet
317Kb / 6P
10 WATT POWER AMPLIFIER MODULE, 800 - 2000 MHz
logo
Teledyne Technologies I...
A2CP6239 TELEDYNE-A2CP6239 Datasheet
135Kb / 1P
2000-6000 MHz COUGARPAK??2W POWER AMPLIFIER
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com