Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA2010 Datasheet (PDF) - Tyco Electronics

PA2010 Datasheet PDF - Tyco Electronics
Part # PA2010
Download  PA2010 Download
File Size   98.02 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 200 TO 2000 MHz TO-8 CASCADABLE AMPLIFIER

PA2010 Datasheet (PDF)

Go To PDF Page Download Datasheet
PA2010 Datasheet PDF - Tyco Electronics

Part # PA2010
Download  PA2010 Click to download

File Size   98.02 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 200 TO 2000 MHz TO-8 CASCADABLE AMPLIFIER

PA2010 Datasheet (HTML) - Tyco Electronics


PA2010 Product details

200 TO 2000 MHz TO-8 CASCADABLE AMPLIFIER

• HIGH OUTPUT POWER: +25.5 dBm (TYP.)
• HIGH THIRD ORDER IP3: +33 dBm (TYP.)
• MODERATE NOISE FIGURE: 5.0 dBm (TYP.)
• LOW VSWR: 1.5:1 (TYP.)




Similar Part No. - PA2010

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
PA2010 MA-COM-PA2010 Datasheet
1Mb / 2P
Cascadable Amplifier 200 to 2000 MHz
PA2010 MA-COM-PA2010 Datasheet
603Kb / 3P
Cascadable Amplifier 200 to 2000 MHz
PA2010-SMPA2010 MA-COM-PA2010-SMPA2010 Datasheet
1Mb / 2P
Cascadable Amplifier
logo
IMO Precision Controls ...
PA20101 IMO-PA20101 Datasheet
135Kb / 2P
Footswitches PX/PA
logo
M/A-COM Technology Solu...
PA2010 MA-COM-PA2010_15 Datasheet
603Kb / 3P
Cascadable Amplifier 200 to 2000 MHz
More results


Similar Description - PA2010

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP2008 ETC-AP2008 Datasheet
108Kb / 2P
10 TO 2000 MHz TO-8 CASCADABLE AMPLIFIER
logo
Tyco Electronics
PA38 MACOM-PA38 Datasheet
369Kb / 2P
Cascadable Amplifier 200 to 2000 MHz
logo
M/A-COM Technology Solu...
SMPA38 MA-COM-SMPA38 Datasheet
1Mb / 2P
Cascadable Amplifier 200 to 2000 MHz
SMPA2010 MA-COM-SMPA2010 Datasheet
1Mb / 2P
Cascadable Amplifier 200 to 2000 MHz
PA2010 MA-COM-PA2010_15 Datasheet
603Kb / 3P
Cascadable Amplifier 200 to 2000 MHz
logo
Teledyne Technologies I...
AC2037 TELEDYNE-AC2037 Datasheet
176Kb / 2P
10 TO 2000 MHz TO-8 CASCADABLE AMPLIFIER
AC2058 TELEDYNE-AC2058 Datasheet
160Kb / 2P
200 TO 2000 MHz TO-8 CASCADABLE AMPLIFIER
AC2556 TELEDYNE-AC2556 Datasheet
131Kb / 1P
2000 TO 2500 MHz TO-8 CASCADABLE AMPLIFIER
AP2008 TELEDYNE-AP2008 Datasheet
165Kb / 2P
10 TO 2000 MHz TO-8 CASCADABLE AMPLIFIER
AP2048 TELEDYNE-AP2048 Datasheet
160Kb / 2P
200 TO 2000 MHz TO-8 CASCADABLE AMPLIFIER
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com