Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD10-0041-S Datasheet (PDF) - Tyco Electronics

PD10-0041-S Datasheet PDF - Tyco Electronics
Part # PD10-0041-S
Download  PD10-0041-S Download
File Size   14.99 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Two-Way In-Phase Power Divider 0.4 - 400 MHz

PD10-0041-S Datasheet (PDF)

Go To PDF Page Download Datasheet
PD10-0041-S Datasheet PDF - Tyco Electronics

Part # PD10-0041-S
Download  PD10-0041-S Click to download

File Size   14.99 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Two-Way In-Phase Power Divider 0.4 - 400 MHz

PD10-0041-S Datasheet (HTML) - Tyco Electronics




Similar Part No. - PD10-0041-S

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PD10-0040-S MACOM-PD10-0040-S Datasheet
15Kb / 1P
Two-Way Power Divider 10 - 500 MHz
PD10-0042-S MACOM-PD10-0042-S Datasheet
16Kb / 1P
Two-Way In-Phase Power Divider 10-2000 MHz
More results


Similar Description - PD10-0041-S

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DS-318 MACOM-DS-318 Datasheet
101Kb / 1P
Plug-In Two Way Power Divider 5 - 500 MHz
PD10-0042-S MACOM-PD10-0042-S Datasheet
16Kb / 1P
Two-Way In-Phase Power Divider 10-2000 MHz
DS-113 MACOM-DS-113 Datasheet
138Kb / 3P
Two-Way Power Divider, 400 KHz - 400 MHz
logo
SIRENZA MICRODEVICES
PS-2-4000S SIRENZA-PS-2-4000S Datasheet
87Kb / 1P
IN-PHASE TWO-WAY POWER COMBINER/DIVIDER 20-4000 MHz
logo
M/A-COM Technology Solu...
DS-318 MA-COM-DS-318 Datasheet
106Kb / 2P
Plug-In Two-Way Power Divider, 5 - 500 MHz
DS-332 MA-COM-DS-332 Datasheet
107Kb / 2P
Two-Way Power Divider, 400 KHz - 400 MHz
DSS-113 MA-COM-DSS-113 Datasheet
120Kb / 3P
Two-Way Power Divider, 400 KHz - 400 MHz
DS-318 MA-COM-DS-318 Datasheet
106Kb / 2P
Plug-In Two-Way Power Divider
logo
Teledyne Technologies I...
PDTS1000 TELEDYNE-PDTS1000 Datasheet
146Kb / 2P
TWO-WAY IN-PHASE POWER DIVIDER
PDTS2000 TELEDYNE-PDTS2000 Datasheet
143Kb / 2P
TWO-WAY IN- PHASE POWER DIVIDER
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com