Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SXB4089Z Datasheet (PDF) - RF Micro Devices

SXB4089Z Datasheet PDF - RF Micro Devices
Part # SXB4089Z
Download  SXB4089Z Download
File Size   780.59 Kbytes
Page   11 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 400MHz to 2500MHz 쩍W MEDIUM POWER InGaP/GaAs HBT AMPLIFIER

SXB4089Z Datasheet (PDF)

Go To PDF Page Download Datasheet
SXB4089Z Datasheet PDF - RF Micro Devices

Part # SXB4089Z
Download  SXB4089Z Click to download

File Size   780.59 Kbytes
Page   11 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 400MHz to 2500MHz 쩍W MEDIUM POWER InGaP/GaAs HBT AMPLIFIER

SXB4089Z Datasheet (HTML) - RF Micro Devices




Similar Part No. - SXB4089Z

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
SXB RUBYCON-SXB Datasheet
226Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
logo
List of Unclassifed Man...
SXB-2089 ETC1-SXB-2089 Datasheet
167Kb / 7P
5-2500 MHz Medium Power InGaP/GaAs HBT Amplifier
SXB-2089Z ETC1-SXB-2089Z Datasheet
167Kb / 7P
5-2500 MHz Medium Power InGaP/GaAs HBT Amplifier
logo
SIRENZA MICRODEVICES
SXB-2089Z SIRENZA-SXB-2089Z Datasheet
163Kb / 7P
5-2500 MHz Medium Power InGaP/GaAs HBT Amplifier
logo
List of Unclassifed Man...
SXB-4089 ETC1-SXB-4089 Datasheet
184Kb / 8P
400-2500 MHz 1/2 W Medium Power InGaP/GaAs HBT Amplifier with Active Bias
More results


Similar Description - SXB4089Z

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SXB-2089 ETC1-SXB-2089 Datasheet
167Kb / 7P
5-2500 MHz Medium Power InGaP/GaAs HBT Amplifier
logo
SIRENZA MICRODEVICES
SXB-2089Z SIRENZA-SXB-2089Z Datasheet
163Kb / 7P
5-2500 MHz Medium Power InGaP/GaAs HBT Amplifier
logo
RF Micro Devices
RFPA3807 RFMD-RFPA3807 Datasheet
1Mb / 10P
GaAs HBT 400MHz TO 2700MHz POWER AMPLIFIER
RFPA3809 RFMD-RFPA3809 Datasheet
2Mb / 11P
GaAs HBT 400MHz TO 2700MHz POWER AMPLIFIER
RFPA2189 RFMD-RFPA2189 Datasheet
863Kb / 11P
GaAs HBT POWER AMPLIFIER 0.5W, 400MHz to 2700MHz
RFPA1012 RFMD-RFPA1012 Datasheet
1Mb / 11P
GaAs HBT 400MHz to 2700MHz Power Amplifier
RFPA2013 RFMD-RFPA2013 Datasheet
1Mb / 20P
GaAs HBT Power Amplifier 0.5W, 400MHz to 2700MHz
SXA389BZ RFMD-SXA389BZ Datasheet
678Kb / 10P
400MHz to 2500MHz 쩌W MEDIUM POWER GaAs HBT AMPLIFIER WITH ACTIVE BIAS
SXA-389Z RFMD-SXA-389Z Datasheet
618Kb / 10P
400MHz to 2500MHz 쩌W MEDIUM POWER GaAs HBT AMPLIFIER WITH ACTIVE BIAS
SXB2089Z RFMD-SXB2089Z Datasheet
738Kb / 8P
5MHz to 2500MHz MEDIUM POWER InGaP/GaAs HBT AMPLIFIER
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com