Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SXE1089Z Datasheet (PDF) - RF Micro Devices

SXE1089Z Datasheet PDF - RF Micro Devices
Part # SXE1089Z
Download  SXE1089Z Download
File Size   604.07 Kbytes
Page   10 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 0.05GHz to 3GHz, CASCADABLE pHEMT MMIC AMPLIFIER

SXE1089Z Datasheet (PDF)

Go To PDF Page Download Datasheet
SXE1089Z Datasheet PDF - RF Micro Devices

Part # SXE1089Z
Download  SXE1089Z Click to download

File Size   604.07 Kbytes
Page   10 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 0.05GHz to 3GHz, CASCADABLE pHEMT MMIC AMPLIFIER

SXE1089Z Datasheet (HTML) - RF Micro Devices




Similar Part No. - SXE1089Z

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SXE15 ARTESYN-SXE15 Datasheet
374Kb / 28P
High Efficiency DC/DC Converters
logo
Emerson Network Power
SXE15 EMERSON-NETWORKPOWER-SXE15 Datasheet
125Kb / 2P
DC-DC CONVERTERS 10.8-15 W High Efficiency DC-DC Converters 1
logo
Artesyn Technologies
SXE15-48S05 ARTESYN-SXE15-48S05 Datasheet
117Kb / 2P
10.8-15W High Efficiency DC/DC Converters
logo
Emerson Network Power
SXE15-48S05J EMERSON-NETWORKPOWER-SXE15-48S05J Datasheet
125Kb / 2P
DC-DC CONVERTERS 10.8-15 W High Efficiency DC-DC Converters 1
logo
Artesyn Technologies
SXE15-48S12 ARTESYN-SXE15-48S12 Datasheet
117Kb / 2P
10.8-15W High Efficiency DC/DC Converters
More results


Similar Description - SXE1089Z

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SUF-1000 SIRENZA-SUF-1000 Datasheet
128Kb / 4P
DC-20 GHz, Cascadable pHEMT MMIC Amplifier
SUF-2000 SIRENZA-SUF-2000 Datasheet
152Kb / 4P
0.2-10 GHz, Cascadable pHEMT MMIC Amplifier
SUF-3000 SIRENZA-SUF-3000 Datasheet
136Kb / 4P
0.25-16 GHz, Cascadable pHEMT MMIC Amplifier
SUF-4000 SIRENZA-SUF-4000 Datasheet
134Kb / 4P
0.15-10 GHz, Cascadable pHEMT MMIC Amplifier
SUF-5000 SIRENZA-SUF-5000 Datasheet
109Kb / 4P
0.1-3.7 GHz, Cascadable pHEMT MMIC Amplifier
SXE-1089Z SIRENZA-SXE-1089Z Datasheet
186Kb / 7P
0.05-3 GHz, Cascadable pHEMT MMIC Amplifier
logo
RF Micro Devices
SBB-4000 RFMD-SBB-4000 Datasheet
199Kb / 6P
0.05GHZ TO 6GHZ, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
SBB-5000 RFMD-SBB-5000 Datasheet
201Kb / 6P
0.05GHz to 6GHz, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
SBB5000 RFMD-SBB5000 Datasheet
155Kb / 6P
0.05GHz to 6GHz, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
SUF-1000 RFMD-SUF-1000 Datasheet
754Kb / 6P
Cascadable pHEMT MMIC Amplifier DC to 20GHz
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com