Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFXF0008 Datasheet (PDF) - RF Micro Devices

RFXF0008 Datasheet PDF - RF Micro Devices
Part # RFXF0008
Download  RFXF0008 Download
File Size   353.53 Kbytes
Page   4 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 45MHz to 1200MHz Operation

RFXF0008 Datasheet (PDF)

Go To PDF Page Download Datasheet
RFXF0008 Datasheet PDF - RF Micro Devices

Part # RFXF0008
Download  RFXF0008 Click to download

File Size   353.53 Kbytes
Page   4 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 45MHz to 1200MHz Operation

RFXF0008 Datasheet (HTML) - RF Micro Devices




Similar Part No. - RFXF0008

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFXF0008 QORVO-RFXF0008 Datasheet
681Kb / 8P
45-1218 MHz GaAs/GaN Power Doubler Module
RFXF0008H QORVO-RFXF0008H Datasheet
522Kb / 5P
1:2.78 SMT Transformer 45MHz to 1218MHz
RFXF0008HSB QORVO-RFXF0008HSB Datasheet
522Kb / 5P
1:2.78 SMT Transformer 45MHz to 1218MHz
RFXF0008HSQ QORVO-RFXF0008HSQ Datasheet
522Kb / 5P
1:2.78 SMT Transformer 45MHz to 1218MHz
RFXF0008HSR QORVO-RFXF0008HSR Datasheet
522Kb / 5P
1:2.78 SMT Transformer 45MHz to 1218MHz
More results


Similar Description - RFXF0008

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFPP2590 RFMD-RFPP2590 Datasheet
268Kb / 3P
GaAs Push Pull Hybrid 45MHz to 1200MHz
RFXF0006 RFMD-RFXF0006 Datasheet
334Kb / 4P
45MHz to 1200MHz Operation
RFXF0007 RFMD-RFXF0007 Datasheet
303Kb / 4P
45MHz to 1200MHz Operation
RFXF0009 RFMD-RFXF0009 Datasheet
296Kb / 4P
45MHz to 1200MHz Operation
RFXF0010 RFMD-RFXF0010 Datasheet
335Kb / 4P
45MHz to 1200MHz Operation
logo
Qorvo, Inc
RFPP2590 QORVO-RFPP2590 Datasheet
268Kb / 3P
GaAs Push Pull Hybrid 45MHz to 1200MHz
RFXF0010 QORVO-RFXF0010 Datasheet
335Kb / 4P
1:1 SMT Transformer 45MHz to 1200MHz
RFXF0009H QORVO-RFXF0009H Datasheet
581Kb / 5P
1:1 SMT Transformer 45MHz to 1200MHz
RFXF0006H QORVO-RFXF0006H Datasheet
364Kb / 5P
1:1 SMT Transformer 45MHz to 1200MHz
RFOS601X QORVO-RFOS601X Datasheet
351Kb / 4P
GaAs Optical Receiver 45MHz to 1200MHz
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com