Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-215 Datasheet (PDF) - Tyco Electronics

SW-215 Datasheet PDF - Tyco Electronics
Part # SW-215
Download  SW-215 Download
File Size   68.52 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Matched GaAs SPST Switch 5 - 3000 MHZ

SW-215 Datasheet (PDF)

Go To PDF Page Download Datasheet
SW-215 Datasheet PDF - Tyco Electronics

Part # SW-215
Download  SW-215 Click to download

File Size   68.52 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Matched GaAs SPST Switch 5 - 3000 MHZ

SW-215 Datasheet (HTML) - Tyco Electronics


SW-215 Product details

Features
● Low Insertion Loss, 1.0 dB Typical
● Fast Switching Speed, 20 ns Typical
● Ultra Low DC Power Consumption, 0.07mA Typical
● Integral TTL (SW-215) or CMOS (SW-216) Driver




Similar Part No. - SW-215

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
SW-215 MA-COM-SW-215 Datasheet
87Kb / 4P
Drivers for GaAs FET Switches and Digital Attenuators
logo
Tyco Electronics
SW-215-PIN MACOM-SW-215-PIN Datasheet
138Kb / 3P
Matched GaAs SPST Switch, 5 - 3000 MHz
logo
M/A-COM Technology Solu...
SW-215-PIN MA-COM-SW-215-PIN Datasheet
57Kb / 3P
Matched GaAs SPST Switch, 5 - 3000 MHz
More results


Similar Description - SW-215

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-205 MACOM-SW-205 Datasheet
105Kb / 2P
Matched GaAs SPDT Switch 5 - 3000 MHz
SW-231 MACOM-SW-231 Datasheet
97Kb / 2P
Matched GaAs SPST Switch 5 - 4000 MHz
SW-205-PIN MACOM-SW-205-PIN Datasheet
138Kb / 3P
Matched GaAs SPDT Switch, 5 - 3000 MHz
SW-215-PIN MACOM-SW-215-PIN Datasheet
138Kb / 3P
Matched GaAs SPST Switch, 5 - 3000 MHz
logo
M/A-COM Technology Solu...
SW-205-PIN MA-COM-SW-205-PIN Datasheet
57Kb / 3P
Matched GaAs SPDT Switch, 5 - 3000 MHz
SW-215-PIN MA-COM-SW-215-PIN Datasheet
57Kb / 3P
Matched GaAs SPST Switch, 5 - 3000 MHz
SW-231-PIN MA-COM-SW-231-PIN Datasheet
59Kb / 3P
Matched GaAs SPST Switch, 5 - 4000 MHz
SW-209 MA-COM-SW-209 Datasheet
108Kb / 3P
Matched GaAs SPST Switch
SW-231-PIN-V4 MA-COM-SW-231-PIN-V4 Datasheet
204Kb / 3P
Matched GaAs SPST Switch
SW05-0311 MA-COM-SW05-0311_15 Datasheet
588Kb / 5P
Matched GaAs SPST Switch
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com