Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

130144-0043 Datasheet (PDF) - Molex Electronics Ltd.

130144-0043 Datasheet PDF - Molex Electronics Ltd.
Part # 130144-0043
Download  130144-0043 Download
File Size   43.96 Kbytes
Page   1 Pages
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.
Description Safeway Plug, 2 Pole/3 Wire, NEMA 5-15, 125V, Yellow

130144-0043 Datasheet (PDF)

Go To PDF Page Download Datasheet
130144-0043 Datasheet PDF - Molex Electronics Ltd.

Part # 130144-0043
Download  130144-0043 Click to download

File Size   43.96 Kbytes
Page   1 Pages
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.
Description Safeway Plug, 2 Pole/3 Wire, NEMA 5-15, 125V, Yellow

130144-0043 Datasheet (HTML) - Molex Electronics Ltd.




Similar Part No. - 130144-0043

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130144-0044 MOLEX11-130144-0044 Datasheet
44Kb / 1P
Safeway Connector 2 Pole/3 Wire, NEMA 5-15, 125V
130144-0048 MOLEX11-130144-0048 Datasheet
54Kb / 1P
Safeway Connector, 2 Pole/3 Wire, NEMA 5-15, 125V, Lighted
More results


Similar Description - 130144-0043

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130144-0050 MOLEX11-130144-0050 Datasheet
43Kb / 1P
Safeway Connector, 2 Pole/3 Wire, NEMA 5-15, 125V, Yellow
130144-0016 MOLEX11-130144-0016 Datasheet
52Kb / 1P
Safeway Right Angle Plug, 2 Pole/3 Wire, NEMA 5-15, 125V, Yellow
130144-0024 MOLEX11-130144-0024 Datasheet
40Kb / 1P
Safeway Plug, 2 Pole/3 Wire, NEMA L5-15, 125V, Yellow
130144-0079 MOLEX11-130144-0079 Datasheet
50Kb / 1P
Safeway Hospital Duty Plug, 2 Pole/3 Wire, NEMA 5-15 , 125V, Yellow
1301440014 MOLEX11-1301440014 Datasheet
44Kb / 1P
Safeway Individually Fused Plug, 2 Pole/3 Wire, NEMA 5-15, 125V, Yellow
1301440024 MOLEX11-1301440024 Datasheet
32Kb / 1P
Safeway Plug, 2 Pole/3 Wire, NEMA L5-15, 125V, Yellow
1301440036 MOLEX11-1301440036 Datasheet
37Kb / 1P
Safeway Plug, 2 Pole/3 Wire, NEMA 5-15, 125V
1301440043 MOLEX11-1301440043 Datasheet
36Kb / 1P
Safeway Plug, 2 Pole/3 Wire, NEMA 5-15, 125V, Yellow
1301440050 MOLEX11-1301440050 Datasheet
35Kb / 1P
Safeway Connector, 2 Pole/3 Wire, NEMA 5-15, 125V, Yellow
1301440079 MOLEX11-1301440079 Datasheet
43Kb / 1P
Safeway Hospital Duty Plug, 2 Pole/3 Wire, NEMA 5-15 , 125V, Yellow
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com