Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPX-75-4 Datasheet (PDF) - Tyco Electronics

TPX-75-4 Datasheet PDF - Tyco Electronics
Part # TPX-75-4
Download  TPX-75-4 Download
File Size   99.38 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 50/75-Ohm Transformer 10 - 1500 MHz

TPX-75-4 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPX-75-4 Datasheet PDF - Tyco Electronics

Part # TPX-75-4
Download  TPX-75-4 Click to download

File Size   99.38 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 50/75-Ohm Transformer 10 - 1500 MHz

TPX-75-4 Datasheet (HTML) - Tyco Electronics




Similar Part No. - TPX-75-4

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
TPX-75-4N MA-COM-TPX-75-4N Datasheet
52Kb / 1P
50/75-Ohm Transformer 10 - 1500 MHz
TPX-75-4N MA-COM-TPX-75-4N Datasheet
52Kb / 1P
50/75-Ohm Transformer
More results


Similar Description - TPX-75-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ETC9-1T-5 MACOM-ETC9-1T-5 Datasheet
73Kb / 2P
E-Series 1:9 Transformer 10 - 75 MHz
TP-75 MACOM-TP-75 Datasheet
43Kb / 1P
50/75-Ohm Transformer 2 - 200 MHz
logo
M/A-COM Technology Solu...
ETC9-1T-5 MA-COM-ETC9-1T-5 Datasheet
101Kb / 2P
E-Series 1:9 Transformer 10 - 75 MHz
TPX-75-4N MA-COM-TPX-75-4N Datasheet
52Kb / 1P
50/75-Ohm Transformer 10 - 1500 MHz
logo
Hittite Microwave Corpo...
HMC599ST89 HITTITE-HMC599ST89 Datasheet
732Kb / 8P
GaAs pHEMT MMIC LNA, 75 Ohm 50 - 1000 MHz
logo
Tyco Electronics
5414459-1 MACOM-5414459-1 Datasheet
960Kb / 34P
BNC Connectors (50 ohm/75 ohm)
logo
M/A-COM Technology Solu...
TPX-75-4N MA-COM-TPX-75-4N Datasheet
52Kb / 1P
50/75-Ohm Transformer
logo
TriQuint Semiconductor
TAT7461 TRIQUINT-TAT7461_15 Datasheet
499Kb / 7P
75 Ohm RF Amplifier 50 1000 MHz
TAT8884HO TRIQUINT-TAT8884HO_15 Datasheet
150Kb / 4P
50 1000 MHz 75 Ohm CATV Hybrid Amplifier
logo
Teledyne Technologies I...
AC1529 TELEDYNE-AC1529 Datasheet
163Kb / 2P
10 TO 1500 MHz 10 TO 1500 MHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com